Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHK8015-99F Datasheet (PDF) - United Monolithic Semiconductors

Part # CHK8015-99F
Description  16W Power Transistor
File Size   302.22 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK8015-99F Datasheet (PDF) - United Monolithic Semiconductors



Similar Part No. - CHK8015-99F

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CHK-705S SYNERGY-CHK-705S Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CHK-706 SYNERGY-CHK-706 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CHK-710S SYNERGY-CHK-710S Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
CHK-7M3 SYNERGY-CHK-7M3 Datasheet
45Kb / 2P
MIXERS TRIPLE-BALANCED
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
15W Power Packaged Transistor
More results


Similar Description - CHK8015-99F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0104-16 MACOM-PH0104-16 Datasheet
89Kb / 1P
CW POWER TRANSISTOR, 16W, 30-400MHz
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
Amplifier, Power, 16W 1.3-2.5 GHz
logo
Power Integrations, Inc...
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
16W Power Supply using TOP243P
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1 Datasheet
282Kb / 8P
Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16 Datasheet
187Kb / 2P
16W Single Output Switching Power Supply
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1_10 Datasheet
268Kb / 9P
Silicon MOSFET Power Transistor 30MHz,16W
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16_12 Datasheet
775Kb / 2P
16W Single Output Switching Power Supply
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
logo
Mean Well Enterprises C...
APC-16E MEANWELL-APC-16E Datasheet
75Kb / 3P
16W Single Output Switching Power Supply
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com