| Manufacturer | Part # | Datasheet | Description |
 International Rectifier |
IR3847
|
1Mb / 53P |
Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
|
|
IR38060M
|
151Kb / 2P |
Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
|
|
IR38063M
|
558Kb / 2P |
Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
|
 Infineon Technologies A... |
IR38060
|
3Mb / 66P |
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.5 Feb 11, 2016 |
|
IR38062
|
4Mb / 68P |
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016 |
|
IR38060
|
3Mb / 66P |
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016 |
|
IR38060
|
3Mb / 70P |
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018 |
|
IR38062
|
3Mb / 72P |
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018 |
|
TDA38740
|
1Mb / 67P |
40/25A Single-voltage Synchronous Buck Regulator with PMBus Quality Requirement Category: Industrial
V2.2 2022-03-05 |
|
IR38064
|
3Mb / 73P |
35A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 Mar 14, 2018 |