Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QFN1.8X1.4A_10L Datasheet (PDF) - Alpha & Omega Semiconductors

Part # QFN1.8X1.4A_10L
Description  CONTROLLING DIMENSION IS MILLIMETER
File Size   73.43 Kbytes
Html View  1 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

QFN1.8X1.4A_10L Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - QFN1.8X1.4A_10L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
QFN16 KEC-QFN16 Datasheet
17Kb / 1P
PACKAGE DIMENSION
2005. 10. 1
logo
ELM Technology Corporat...
QFN16-4X4 ELM-TECH-QFN16-4X4 Datasheet
185Kb / 1P
Package, Reel, Taping
logo
KEC(Korea Electronics)
QFN16_2P5X2P5 KEC-QFN16_2P5X2P5 Datasheet
17Kb / 1P
PACKAGE DIMENSION
2005. 10. 1
More results


Similar Description - QFN1.8X1.4A_10L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
QFN52 ONSEMI-QFN52 Datasheet
64Kb / 2P
CONTROLLING DIMENSION MILLIMETERS
February, 2010 ??Rev. 01C
logo
Alpha & Omega Semicondu...
DFN1.2X1.1_6L AOSMD-DFN1.2X1.1_6L Datasheet
64Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.1X1.6_10L AOSMD-QFN2.1X1.6_10L Datasheet
77Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.6X1.8_16L AOSMD-QFN2.6X1.8_16L Datasheet
66Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN3X3_16L AOSMD-QFN3X3_16L Datasheet
74Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
logo
Turck, Inc.
CMBS8151-0 TURCK-CMBS8151-0 Datasheet
71Kb / 1P
MILLIMETER [ INCH ]
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com