Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PFE-1014R Datasheet (PDF) - Level One

Part # PFE-1014R
Description  100 Mbps Data Transfer Rate
File Size   1123.9 Kbytes
Html View  1   2   3 
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

PFE-1014R Datasheet (PDF) - Level One



Similar Part No. - PFE-1014R

ManufacturerPart #DatasheetDescription
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
PoE Extender over Hybrid Fiber
More results


Similar Description - PFE-1014R

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS5920 AMCC-CS5920 Datasheet
2Mb / 160P
Full 132 Mbytes/sec Transfer Rate
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
Data transfer up to 10 Mbps
logo
Littelfuse
SP03-XBTG LITTELFUSE-SP03-XBTG Datasheet
159Kb / 1P
10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
SPLV2.8-4BTG LITTELFUSE-SPLV2.8-4BTG Datasheet
152Kb / 1P
1000 relates to the data rate in Mbps (i.e. 1000Mbps)
logo
Epson Company
S2R72V18 EPSON-S2R72V18 Datasheet
389Kb / 37P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Qorvo, Inc
DWM1001 QORVO-DWM1001 Datasheet
1Mb / 30P
6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
logo
I-PEX Inc.
20453-2XXT-03 I-PEX-20453-2XXT-03 Datasheet
1Mb / 10P
High-Data-Rate Transfer, Ideal for USB4/Thunderbolt 4 (20 Gbps/lane) Applications
Rev.33
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com