Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP132 Datasheet (PDF) - RICOH electronics devices division

Part # RP132
Description  Output Current Min. 1A
File Size   1308.78 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP132 Datasheet (PDF) - RICOH electronics devices division



Similar Part No. - RP132

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP132 H001B NISSHINBO-RP132 H001B Datasheet
1Mb / 43P
Low Voltage 1A Voltage Regulator (LDO Regulator)
RP132 H001D NISSHINBO-RP132 H001D Datasheet
1Mb / 43P
Low Voltage 1A Voltage Regulator (LDO Regulator)
RP132 H081B NISSHINBO-RP132 H081B Datasheet
1Mb / 43P
Low Voltage 1A Voltage Regulator (LDO Regulator)
RP132 H081D NISSHINBO-RP132 H081D Datasheet
1Mb / 43P
Low Voltage 1A Voltage Regulator (LDO Regulator)
RP132 H091B NISSHINBO-RP132 H091B Datasheet
1Mb / 43P
Low Voltage 1A Voltage Regulator (LDO Regulator)
More results


Similar Description - RP132

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
210Kb / 9P
1A Output Current Low Dropout Voltage Regulator
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
List of Unclassifed Man...
KA7915TU ETC2-KA7915TU Datasheet
163Kb / 16P
Output Current in Excess of 1A
logo
Texas Instruments
LM2940T-12.0 TI-LM2940T-12.0 Datasheet
2Mb / 35P
Dropout Voltage Typically 0.5V @IO = 1A, Output Current in Excess of 1A
logo
RICOH electronics devic...
RP108J RICOH-RP108J Datasheet
1Mb / 28P
Output Current Min. 3A
April 1, 2012
RP131 RICOH-RP131 Datasheet
779Kb / 36P
Output Current Min. 1A
logo
Wall Industries,Inc.
DCNSR WALL-DCNSR_16 Datasheet
440Kb / 5P
1A Output Current
logo
Omron Electronics LLC
EE-SX2088 OMRON-EE-SX2088 Datasheet
769Kb / 3P
0.5-mA output min. with only 1-mA forward LED current.
logo
KIA Semiconductor Techn...
7805 KIA-7805 Datasheet
16Kb / 2P
Output current in excess of 1A
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
1A Output Current Push Button Smart Load Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com