Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-85HF Datasheet (PDF) - Vishay Siliconix

Part # VS-85HF
Description  Stud cathode and stud anode version
File Size   183.23 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-85HF Datasheet (PDF) - Vishay Siliconix



Similar Part No. - VS-85HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-85HF VISHAY-VS-85HF Datasheet
183Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
07-Dec-16
VS-85HF10 VISHAY-VS-85HF10 Datasheet
182Kb / 10P
Standard Recovery Diodes, (Stud Version), 85 A
27-Nov-2018
VS-85HF10 VISHAY-VS-85HF10 Datasheet
206Kb / 14P
Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 11-Jan-18
VS-85HF10 VISHAY-VS-85HF10 Datasheet
206Kb / 14P
Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 11-Jan-18
VS-85HF100 VISHAY-VS-85HF100 Datasheet
182Kb / 10P
Standard Recovery Diodes, (Stud Version), 85 A
27-Nov-2018
More results


Similar Description - VS-85HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
FAST RECOVERY DIODES Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
40HFR100 NJSEMI-40HFR100 Datasheet
83Kb / 1P
anode to stud
1N2131RA NJSEMI-1N2131RA Datasheet
89Kb / 1P
anode to stud
1N3673RA NJSEMI-1N3673RA Datasheet
94Kb / 1P
Stud is Anode.
1N4054R NJSEMI-1N4054R Datasheet
83Kb / 1P
Anode to stud
logo
Vishay Siliconix
VS-12F VISHAY-VS-12F Datasheet
167Kb / 6P
Stud cathode and stud anode version
16-Nov-15
VS-40HF VISHAY-VS-40HF Datasheet
164Kb / 9P
Stud cathode and stud anode version
29-Jan-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com