Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N3892 Datasheet (PDF) - Vishay Siliconix

Part # 1N3892
Description  Fast Recovery Diodes (Stud Version), 6 A, 12 A
File Size   140.0 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3892 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 1N3892

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3892 MICROSEMI-1N3892 Datasheet
111Kb / 2P
Fast Recovery Rectifier
logo
International Rectifier
1N3892 IRF-1N3892 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3892 VISHAY-1N3892 Datasheet
2Mb / 11P
Fast Recovery Diodes(Stud Version)
26-Sep-08
logo
Microsemi Corporation
1N3892 MICROSEMI-1N3892 Datasheet
120Kb / 2P
Fast Recovery Rectifier
logo
Vishay Siliconix
1N3892 VISHAY-1N3892 Datasheet
2Mb / 13P
Fast Recovery Diodes (Stud Version), 6/12/16 A
26-Sep-08
More results


Similar Description - 1N3892

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12F VISHAY-12F Datasheet
143Kb / 6P
Standard Recovery Diodes (Stud Version), 12 A
29-Sep-08
1N3879 VISHAY-1N3879_12 Datasheet
2Mb / 13P
Fast Recovery Diodes (Stud Version), 6/12/16 A
26-Sep-08
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
08-Apr-13
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
06-Mar-17
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
11-Jan-18
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
11-Jan-18
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
Standard Recovery Diodes, (Stud Version), 12 A
11-Jan-18
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
Fast Recovery Diodes (Stud Version), 6 A, 12 A
11-Jan-18
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
11-Jan-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com