Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK402-250 Datasheet (PDF) - Sanyo Semicon Device

Part # STK402-250
Description  Three-Channel Class AB Audio Power Amplifier IC
File Size   108.89 Kbytes
Html View  1   2   3   4 
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-250 Datasheet (PDF) - Sanyo Semicon Device



Similar Part No. - STK402-250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
112Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
More results


Similar Description - STK402-250

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
One-Channel Class AB Audio Power Amplifier IC 60W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
One-Channel Class AB Audio Power Amplifier IC 100W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
1ch class-AB Audio Power IC
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
2channel class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
1ch class-AB Audio Power IC
April, 2013
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
2ch class-AB Audio Power IC
April, 2013
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
AB Class Audio Power Amplifier, MOSFET IC Power Amp
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com