Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C-L17DM53745207C309 Datasheet (PDF) - Amphenol Corporation

Part # C-L17DM53745207C309
Description  current rating-20 to 30a
File Size   103.82 Kbytes
Html View  1 
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C-L17DM53745207C309 Datasheet (PDF) - Amphenol Corporation



Similar Part No. - C-L17DM53745207C309

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C-L17DM53745-217 AMPHENOL-C-L17DM53745-217 Datasheet
102Kb / 1P
no burrs,no crack on the contact
More results


Similar Description - C-L17DM53745207C309

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-SA-12C-02 ETC1-CL-SA-12C-02 Datasheet
416Kb / 3P
Correspond to rating current 500mA
logo
Sangdest Microelectroni...
KMB12S SMC-KMB12S Datasheet
137Kb / 4P
Surge Overload Rating to 30A Peak
MB05S SMC-MB05S Datasheet
164Kb / 4P
Surge overload rating-30A peak
logo
Amphenol Corporation
C-L17DM53744206C309 AMPHENOL-C-L17DM53744206C309 Datasheet
112Kb / 1P
current rating-20 to 30a
C-L17DM53744207 AMPHENOL-C-L17DM53744207 Datasheet
138Kb / 1P
current rating-10 to 20a
C-L17DM53744207C309 AMPHENOL-C-L17DM53744207C309 Datasheet
106Kb / 1P
current rating-10 to 20a
logo
Ningbo Tianbo Ganglian ...
TRS TIANBO-TRS Datasheet
1Mb / 3P
30A 16VDC switching rating
logo
Mallory Sonalert Produc...
MSE28LCH2S MSPI-MSE28LCH2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM1 MSPI-MSE28LCM1 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM3 MSPI-MSE28LCM3 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com