Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5032H-SMX-4 Datasheet (PDF) - Advanced Crystal Technology

Part # 5032H-SMX-4
Description  5.0 x 3.2mm Crystal unit
File Size   179.47 Kbytes
Html View  1 
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

5032H-SMX-4 Datasheet (PDF) - Advanced Crystal Technology



Similar Part No. - 5032H-SMX-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50322-7112 MOLEX7-50322-7112 Datasheet
156Kb / 3P
Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size5 (M3), Oxygen-Free Copper, Length 15.00mm (.591")
50322-7212 MOLEX7-50322-7212 Datasheet
156Kb / 3P
Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size(M3), Oxygen-Free Copper, Length 16.00mm (.630")
50322-7312 MOLEX7-50322-7312 Datasheet
156Kb / 3P
Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size6 (M3.5), Oxygen-Free Copper, Length 15.00mm (.591
50322-7612 MOLEX7-50322-7612 Datasheet
156Kb / 3P
Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size8 (M4), Oxygen-Free Copper, Length 16.40mm (.646"), Width 7.00mm (.276")
503227812 MOLEX7-503227812 Datasheet
156Kb / 3P
Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size10 (M5), Oxygen-Free Copper, Length 16.40mm (.646")
More results


Similar Description - 5032H-SMX-4

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
JX501 PERICOM-JX501 Datasheet
749Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
JX502 PERICOM-JX502 Datasheet
744Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
logo
Advanced Crystal Techno...
531-SMX-4 ACT-531-SMX-4 Datasheet
234Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
533-SMX-2 ACT-533-SMX-2 Datasheet
235Kb / 2P
5.0 x 3.2mm Crystal unit
1/02/2017
logo
Golledge Electronics Lt...
GSX-531 GOLLEDGE-GSX-531 Datasheet
595Kb / 6P
5.0 x 3.2mm SM Crystal for Bluetooth
GSX-533 GOLLEDGE-GSX-533 Datasheet
588Kb / 5P
5.0 x 3.2mm SM Crystal for Bluetooth
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
High Frequency Fundamental 5.0 x 3.2mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
XO-0080-VWCOMOS-TYPE TAITIEN-XO-0080-VWCOMOS-TYPE Datasheet
298Kb / 1P
5.0 x 3.2mm SMD Voltage Controlled Crystal Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com