Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE2CP1029 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2CP1029
Description  90 Degree Drop-In Hybrid Coupler From 100 MHz to 500 MHz Rated to 150 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1029 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2CP1029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1029 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1029 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1029 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1029 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mechanical Specifications
Size
Length
3.3 in [83.82 mm]
Width
0.23 in [5.84 mm]
Height
1.5 in [38.1 mm]
Weight
0.21 lbs [95.25 g]
Configuration
RF Connector Type
Pin
Contact Material and Plating
Silver, Gold
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
Typical Performance Data
-60
-50
-40
-30
-20
-10
0
100
160
220
280
340
400
460
520
0 dB
100 MHz
Return Loss and Isolation
Return Loss
Isolation
PE2CP1029
PE2CP1029 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 100 MHz to 500 MHz Rated to 150 Watts
PE2CP1029
90 Degree Drop-In Hybrid Coupler From
100 MHz to 500 MHz Rated to 150 Watts
Hybrids Technical Data Sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com