Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB200NF04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB200NF04
Description  N-CHANNEL 40V - 120 A - 3.3 mOHM TO-220/D2PAK/I2PAK STripFETII MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200NF04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB200NF04 Datasheet HTML 3Page - STMicroelectronics STB200NF04 Datasheet HTML 4Page - STMicroelectronics STB200NF04 Datasheet HTML 5Page - STMicroelectronics STB200NF04 Datasheet HTML 6Page - STMicroelectronics STB200NF04 Datasheet HTML 7Page - STMicroelectronics STB200NF04 Datasheet HTML 8Page - STMicroelectronics STB200NF04 Datasheet HTML 9Page - STMicroelectronics STB200NF04 Datasheet HTML 10Page - STMicroelectronics STB200NF04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
STP200NF04 - STB200NF04 - STB200NF04-1
Figure 17: Allowable lav vs. Time in Avalanche
The previous curve gives the safe operating area for unclamped inductive loads, single pulse or repetitive,
under the following conditions:
PD(AVE) = 0.5 * (1.3 * BVDSS * IAV)
EAS(AR) = PD(AVE) * tAV
Where:
IAV is the Allowable Current in Avalanche
PD(AVE) is the Average Power Dissipation in Avalanche (Single Pulse)
tAV is the Time in Avalanche
To derate above 25 °C, at fixed IAV, the following equation must be applied:
IAV = 2 * (Tjmax - TCASE) / (1.3 * BVDSS * Zth)
Where:
Zth = K * Rth is the value coming from Normalized Thermal Response at fixed pulse width equal to TAV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com