Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C13749 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13749
Description  HighBay Lens
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13749 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13749 Datasheet HTML 1Page - Ledil, Inc. C13749 Datasheet HTML 2Page - Ledil, Inc. C13749 Datasheet HTML 3Page - Ledil, Inc. C13749 Datasheet HTML 4Page - Ledil, Inc. C13749 Datasheet HTML 5Page - Ledil, Inc. C13749 Datasheet HTML 6Page - Ledil, Inc. C13749 Datasheet HTML 7Page - Ledil, Inc. C13749 Datasheet HTML 8Page - Ledil, Inc. C13749 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
PRODUCT DATASHEET
HighBay series
last update 21/4/2016
DETAILS
Product Number
C13749_HB-2X2-O
Family
HighBay
Type
Lens
Color
clear
Diameter
50 + 50 mm
Height
10,6 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, screw, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
QUICK FLUX XTP 2x6 xxx LS G5
22+111 deg
Oval
94 %
1.200
-
XP-G2
27+112 deg
Oval
94 %
1.200
-
XM-L
29+109 deg
Oval
94 %
0.980
-
XM-L2
30+106 deg
Oval
94 %
1.000
-
XP-G
26+115 deg
Oval
94 %
1.130
-
XP-L
29+117 deg
Oval
94 %
0.890
-
XQ-E HI
sim: 96+14
Oval
93 %
1.700
-
XHP35 HD
sim: 102+35
Oval
sim: 91 % sim: 0.910 -
XHP35 HI
sim: 101+27
Oval
sim: 94 % sim: 1.200 -
XP-G3
sim: 103+29
Oval
sim: 94 % sim: 1.100 -
XP-L2
28+117 deg
Oval
94 %
0.930
-
XD16
19+127 deg
Oval
93 %
1.400
-
XD16 2x2 cluster
29+116 deg
Oval
94 %
0.950
-
H35C1 (LEMWA33)
23+110 deg
Oval
94 %
1.200
-
LUXEON Rebel ES
25+106 deg
Oval
94 %
1.200
-
LUXEON T
26+110 deg
Oval
94 %
1.200
-
LUXEON R
25+105 deg
Oval
94 %
1.240
-
LUXEON MZ
28+103 deg
Oval
94 %
1.100
-
LUXEON TX
24+118 deg
Oval
94 %
1.080
-
LUXEON 5050
29+114 deg
Oval
94 %
0.940
-
LUXEON V
26+108 deg
Oval
94 %
1.000
-
NVSxx19A
24+105 deg
Oval
94 %
1.220
-
NVSxx19B/NVSxx19C
26+108 deg
Oval
94 %
1.200
-
NCSxx19B
23+113 deg
Oval
94 %
1.400
-
NWSx229A
27+118 deg
Oval
94 %
1.000
-
January 25th 2018 8:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13749

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13749 CREE-C13749 Datasheet
4Mb / 69P
HighBay series
More results

Similar Description - C13749

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C13605 LEDIL-C13605 Datasheet
3Mb / 47P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C14605 LEDIL-C14605 Datasheet
2Mb / 46P
HighBay Lens array
C14606 LEDIL-C14606 Datasheet
3Mb / 66P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com