Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C14541 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14541
Description  HighBay Lens array
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14541 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14541 Datasheet HTML 1Page - Ledil, Inc. C14541 Datasheet HTML 2Page - Ledil, Inc. C14541 Datasheet HTML 3Page - Ledil, Inc. C14541 Datasheet HTML 4Page - Ledil, Inc. C14541 Datasheet HTML 5Page - Ledil, Inc. C14541 Datasheet HTML 6Page - Ledil, Inc. C14541 Datasheet HTML 7Page - Ledil, Inc. C14541 Datasheet HTML 8Page - Ledil, Inc. C14541 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
PRODUCT DATASHEET
HighBay series
last update 3/1/2017
DETAILS
Product Number
C14541_HB-2X2-RS
Family
HighBay
Type
Lens array
Color
clear
Diameter
50 x 50 mm
Height
10 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
3/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L2
sim: 18
Real spot
sim: 95 % sim: 6.900 -
XP-G2
14 deg
Real spot
94 %
11.800
-
XP-G
sim: 13
Real spot
sim: 93 % sim: 12.100 -
XM-L
sim: 19
Real spot
sim: 92 % sim: 5.620 -
XP-E2
10 deg
Real spot
94 %
22.100
-
XHP35 HD
sim: 20
Real spot
sim: 91 % sim: 5.100 -
XHP35 HI
sim: 14
Real spot
sim: 93 % sim: 9.900 -
XD16
11 deg
Real spot
93 %
13.500
-
XP-L
sim: 19
Real spot
sim: 94 % sim: 6.140 -
NWSx229A
23 deg
Real spot
94 %
4.500
-
NVSxx19B/NVSxx19C
17 deg
Real spot
93 %
8.000
-
NVSW3x9A
19 deg
Real spot
94 %
6.600
-
NVSxE21A
11 deg
Real spot
89 %
11.100
-
NVSW219D
17 deg
Real spot
94 %
8.600
-
Oslon Square Gen3
15 deg
Real spot
90 %
11.000
-
Fortimo FastFlex LED board 2x8 DA G4 13 deg
Real spot
93 %
12.500
-
LH351B
17 deg
Real spot
89 %
8.040
-
LH351D
22 deg
Real spot
94 %
4.900
-
LH351C
18 deg
Real spot
94 %
7.900
-
Z5M1/Z5M2
sim: 13
Real spot
sim: 92 % sim: 12.100 -
Z8Y22P
16 deg
Real spot
93 %
6.900
-
Z8Y22
14 deg
Real spot
94 %
6.600
-
RLE G1 49x223mm 4000lm xxx EXC OTD
13 deg
Real spot
94 %
10.900
-
RLE G1 49x245mm 4000lm xxx EXC OTD
13 deg
Real spot
94 %
10.900
-
RLE G1 49x121mm 2000lm xxx EXC OTD
13 deg
Real spot
94 %
10.900
-
January 25th 2018 8:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C14541

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14541 CREE-C14541 Datasheet
2Mb / 42P
HighBay series
More results

Similar Description - C14541

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C13605 LEDIL-C13605 Datasheet
3Mb / 47P
HighBay Lens array
C14605 LEDIL-C14605 Datasheet
2Mb / 46P
HighBay Lens array
C14606 LEDIL-C14606 Datasheet
3Mb / 66P
HighBay Lens array
C14607 LEDIL-C14607 Datasheet
3Mb / 62P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com