Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

313331 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # 313331
Description  wire protector, fittable without loss of poles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

313331 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  313331 Datasheet HTML 1Page - METZ CONNECT GmbH 313331 Datasheet HTML 2Page - METZ CONNECT GmbH 313331 Datasheet HTML 3Page - METZ CONNECT GmbH 313331 Datasheet HTML 4Page - METZ CONNECT GmbH 313331 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
311661xx
xx=number of poles
2017/05/04
RP023xxHBWC
Illustration
see enlarged drawing at the end of the document
Product specification
• screw type terminal block, pluggable
• centerline 3.50 mm, direction of connection 90°
• wire protector, fittable without loss of poles
• color black
• Wire entry perpendicular to plug direction


Similar Part No. - 313331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31333 ETC2-31333 Datasheet
259Kb / 1P
Wiha Insulated 1/4 Sockets & Sets
logo
Tyco Electronics
313338-1 MACOM-313338-1 Datasheet
142Kb / 5P
Crimping Die Assemblies
313339-1 MACOM-313339-1 Datasheet
320Kb / 6P
This instruction sheet provides information on product application and a maintenance and inspection
313339-2 MACOM-313339-2 Datasheet
320Kb / 6P
This instruction sheet provides information on product application and a maintenance and inspection
More results

Similar Description - 313331

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
310491XX METZ-310491XX Datasheet
289Kb / 5P
lift system, fittable without loss of poles
ASP025XX METZ-ASP025XX Datasheet
322Kb / 5P
fittable without loss of poles
ASP046XX METZ-ASP046XX Datasheet
461Kb / 4P
fittable without loss of poles
AST055XX METZ-AST055XX Datasheet
302Kb / 5P
fittable without loss of poles
SM99S01VBNN05G7 METZ-SM99S01VBNN05G7 Datasheet
253Kb / 4P
fittable without loss of poles
logo
PHOENIX CONTACT
3012335 PHOENIX-3012335 Datasheet
52Kb / 2P
Can be aligned without any loss of pitch
logo
EXCEL CELL ELECTRONIC C...
ETB1A-THT ECE-ETB1A-THT Datasheet
162Kb / 2P
WIRE PROTECTOR TYPE
ETB3A ECE-ETB3A Datasheet
103Kb / 2P
WIRE PROTECTOR TYPE
ETB10 ECE-ETB10 Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB11 ECE-ETB11 Datasheet
103Kb / 2P
WIRE PROTECTOR TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com