Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM6823LWY6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM6823LWY6F
Description  5-Pin Supervisor with Watchdog Timer and Push-button Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823LWY6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM6823LWY6F Datasheet HTML 13Page - STMicroelectronics STM6823LWY6F Datasheet HTML 14Page - STMicroelectronics STM6823LWY6F Datasheet HTML 15Page - STMicroelectronics STM6823LWY6F Datasheet HTML 16Page - STMicroelectronics STM6823LWY6F Datasheet HTML 17Page - STMicroelectronics STM6823LWY6F Datasheet HTML 18Page - STMicroelectronics STM6823LWY6F Datasheet HTML 19Page - STMicroelectronics STM6823LWY6F Datasheet HTML 20Page - STMicroelectronics STM6823LWY6F Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/21
STM6321/6322/6821/6822/6823/6824/6825
PART NUMBERING
Table 8. Ordering Information Scheme
Note: 1. Contact local sales office for availability.
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Table 9. Marking Description
Note: 1. Where “X” = L, M, T, S, R, or Z.
Example:
STM6xxx
L
M
6
E
Device Type
STM6xxx
Reset Threshold Voltage
L: VRST = 4.514V to 4.746V
M: VRST = 4.270V to 4.490V
T: VRST = 3.000V to 3.150V
S: VRST = 2.850V to 3.000V
R: VRST = 2.564V to 2.696V
Z: VRST = 2.250V to 2.380V
(1)
Package
WY = SOT23-5
Temperature Range
6 = –40 to 85°C
Shipping Method
E = Tubes (Pb-Free - ECO
PACK®)
F = Tape & Reel (Pb-Free - ECO
PACK®)
Part Number
Reset Threshold
Topside Marking(1)
STM6321
L: VRST = 4.63V
M: VRST = 4.39V
T: VRST = 3.08V
S: VRST = 2.93V
R: VRST = 2.63V
Z: VRST = 2.32V
321X
STM6322
322X
STM6821
821X
STM6822
822X
STM6823
823X
STM6824
824X
STM6825
825X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com