Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2004DWK Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN2004DWK
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004DWK Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2004DWK Datasheet HTML 1Page - Diodes Incorporated DMN2004DWK Datasheet HTML 2Page - Diodes Incorporated DMN2004DWK Datasheet HTML 3Page - Diodes Incorporated DMN2004DWK Datasheet HTML 4Page - Diodes Incorporated DMN2004DWK Datasheet HTML 5Page - Diodes Incorporated DMN2004DWK Datasheet HTML 6Page - Diodes Incorporated DMN2004DWK Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN2004DWK
Document number: DS30935 Rev. 7 - 2
4 of 7
www.diodes.com
February 2017
© Diodes Incorporated
DMN2004DWK
I , DRAIN CURRENT (A)
Fig. 7
D
On-Resistance vs. Drain Current and Gate Voltage
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Fig. 8 On-Resistance Variation with Temperature
V
GS = 4.5V, ID = 1.0A
V
GS = 2.5V, ID = 500mA
1000
I , DRAIN CURRENT (mA)
D
Fig. 11 Forward Transfer Admittance vs. Drain Current
0
10
20
30
40
50
60
0
5
10
15
20
f=1MHz
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 Typical Junction Capacitance
Ciss
C oss
C rss
VSD, SOURCE-DRAIN VOLTAGE (V)
Fig. 10 Reverse Drain Current vs. Source-Drain Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com