Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4985EIJT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4985EIJT
Description  2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4985EIJT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4985EIJT Datasheet HTML 9Page - STMicroelectronics TS4985EIJT Datasheet HTML 10Page - STMicroelectronics TS4985EIJT Datasheet HTML 11Page - STMicroelectronics TS4985EIJT Datasheet HTML 12Page - STMicroelectronics TS4985EIJT Datasheet HTML 13Page - STMicroelectronics TS4985EIJT Datasheet HTML 14Page - STMicroelectronics TS4985EIJT Datasheet HTML 15Page - STMicroelectronics TS4985EIJT Datasheet HTML 16Page - STMicroelectronics TS4985EIJT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TS4985
Electrical Characteristics
13/29
Figure 32. Power dissipation vs. output power
per channel
Figure 33. Clipping voltage vs. power supply
voltage and load resistor
Figure 34. Clipping voltage vs. power supply
voltage and load resistor
Figure 35. Current consumption vs. power
supply voltage
Figure 36. Current consumption vs. power
supply voltage
Figure 37. Current consumption vs. standby
voltage
01
234
5
0
2
4
6
8
Only One channel active
Both channels active
No Loads
Tamb=25 C
Vcc (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
Only one channel active
Both channels active
Vcc = 2.6V
No Loads
Tamb=25 C
Vstdb (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
Only one channel active
Both channels active
Vcc = 3.3V
No Loads
Tamb=25 C
Vstdb (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com