Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH2SP30-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNH2SP30-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 4 Page - STMicroelectronics

  VNH2SP30-E Datasheet HTML 1Page - STMicroelectronics VNH2SP30-E Datasheet HTML 2Page - STMicroelectronics VNH2SP30-E Datasheet HTML 3Page - STMicroelectronics VNH2SP30-E Datasheet HTML 4Page - STMicroelectronics VNH2SP30-E Datasheet HTML 5Page - STMicroelectronics VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
VNH2SP30-E
4/26
Table 5. Block Descriptions (see Block Diagram)
Table 6. Absolute Maximum Rating
Figure 4. Current and Voltage Conventions
Name
Description
LOGIC CONTROL
Allows the turn-on and the turn-off of the High Side and the Low Side
switches according to the truth table.
OVERVOLTAGE + UNDERVOLTAGE
Shut-down the device outside the range [5.5V..16V] for the battery voltage.
HIGH SIDE AND LOW SIDE CLAMP
VOLTAGE
Protect the High Side and the Low Side switches from the high voltage on
the battery line in all configuration for the motor.
HIGH SIDE AND LOW SIDE DRIVER
Drive the gate of the concerned switch to allow a proper RDS(on) for the leg
of the bridge.
LINEAR CURRENT LIMITER
Limits the motor current, by reducing the High Side Switch gate-source
voltage when short-circuit to ground occurs.
OVERTEMPERATURE PROTECTION
In case of short-circuit with the increase of the junction’s temperature,
shuts-down the concerned High Side to prevent its degradation and to
protect the die.
FAULT DETECTION
Signalize an abnormal behavior of the switches in the half-bridge A or B by
pulling low the concerned ENx/DIAGx pin.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+ 41
V
Imax
Maximum Output Current (continuous)
30
A
IR
Reverse Output Current (continuous)
-30
A
IIN
Input Current (INA and INB pins)
+/- 10
mA
IEN
Enable Input Current (DIAGA/ENA and DIAGB/ENB pins)
+/- 10
mA
Ipw
PWM Input Current
+/- 10
mA
VCS
Current Sense Maximum Voltage
-3/+15
V
VESD
Electrostatic Discharge (R=1.5k
Ω, C=100pF)
- CS pin
- logic pins
- output pins: OUTA, OUTB, VCC
2
4
5
kV
kV
kV
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
-40 to 150
°C
TSTG
Storage Temperature
-55 to 150
°C
VCC
INA
GNDB
IS
IOUTA
IINA
VINA
VCC
VOUTA
ISENSE
VOUTB
DIAGA/ENA
IENA
IGND
IOUTB
INB
IINB
DIAGB/ENB
IENB
VENB
VENA
VINB
VSENSE
OUTA
OUTB
PWM
CS
Ipw
Vpw
GNDA
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com