Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT-380FCH Datasheet(PDF) 12 Page - Inolux Corporation

Part # HT-380FCH
Description  Harvatek Surface Mount CHIP LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-380FCH Datasheet(HTML) 12 Page - Inolux Corporation

Back Button HT-380FCH Datasheet HTML 6Page - Inolux Corporation HT-380FCH Datasheet HTML 7Page - Inolux Corporation HT-380FCH Datasheet HTML 8Page - Inolux Corporation HT-380FCH Datasheet HTML 9Page - Inolux Corporation HT-380FCH Datasheet HTML 10Page - Inolux Corporation HT-380FCH Datasheet HTML 11Page - Inolux Corporation HT-380FCH Datasheet HTML 12Page - Inolux Corporation HT-380FCH Datasheet HTML 13Page - Inolux Corporation HT-380FCH Datasheet HTML 14Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Top Mount RGB Chip LED
HT-380FCH
Official Product
HT Part No. HT-380FCH
Customer Part No.
Data Sheet No.
Tentative Product
****************
****************
HT-380FCH
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 05, 2013
Version of 1.0
Page
12/13
Reworking
•
Rework should be completed within 5 seconds under 260 OC.
•
The iron tip must not come in contact with the copper foil.
•
Twin-head type is preferred.
Cleaning
Following are cleaning procedures after soldering:
•
An alcohol-based solvent such as isopropyl alcohol (IPA) is recommended.
•
Temperature x Time should be 50oC x 30sec. or <30oC x 3min
•
Ultra sonic cleaning: < 15W/ bath; bath volume ≤ 1liter
•
Curing: 100 OC max, <3min
Cautions of Pick and Place
•
Avoid stress on the resin at elevated temperature.
•
Avoid rubbing or scraping the resin by any object.
•
Electric-static may cause damage to the component. Please ensure that the equipment
is properly grounded. Use of an ionizer fan is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com