Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C10686 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10686
Description  Eva Lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10686 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10686 Datasheet HTML 1Page - Ledil, Inc. C10686 Datasheet HTML 2Page - Ledil, Inc. C10686 Datasheet HTML 3Page - Ledil, Inc. C10686 Datasheet HTML 4Page - Ledil, Inc. C10686 Datasheet HTML 5Page - Ledil, Inc. C10686 Datasheet HTML 6Page - Ledil, Inc. C10686 Datasheet HTML 7Page - Ledil, Inc. C10686 Datasheet HTML 8Page - Ledil, Inc. C10686 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PRODUCT DATASHEET
Eva series
last update 12/9/2013
DETAILS
Product Number
C10686_EVA-W
Family
Eva
Type
Lens
Color
clear
Diameter
35 mm
Height
16,4 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
12/09/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MC-E
36 deg
Wide
91 %
1.000
-
XM-L
40 deg
Wide
79 %
-
-
XM-L HVW
sim: 38
Wide
86 %
-
-
XT-E
32 deg
Wide
-
1.800
-
MK-R
48 deg
Wide
-
1.150
-
XP-G2
32 deg
Wide
81 %
2.200
-
MHB-A/B
39 deg
Wide
78 %
1.670
-
XHP35 HI
57 deg
Wide
75 %
0.810
-
LUXEON M/MX
45 deg
Wide
80 %
1.300
-
LUXEON MZ
36 deg
Wide
81 %
1.900
-
LUXEON 5258
sim: 34
Wide
sim: 87 % sim: 1.900 -
LUXEON 5050
37 deg
Wide
83 %
1.700
-
NS9x383
39 deg
Wide
81 %
1.600
-
NSMx286M
41 deg
Wide
80 %
1.430
-
Duris S8
39 deg
Wide
81 %
1.800
-
OSCONIQ P 7070
sim: 41
Wide
sim: 87 % sim: 1.600 -
Z8Y15
29 deg
Wide
80 %
2.310
-
Z8Y19
30 deg
Wide
81 %
2.340
-
January 26th 2018 9:38 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C10686

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10686 CREE-C10686 Datasheet
1Mb / 24P
Eva series
More results

Similar Description - C10686

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12802 CREE-CA12802 Datasheet
341Kb / 6P
Eva series
CA12805 CREE-CA12805 Datasheet
368Kb / 6P
Eva series
CA12858 CREE-CA12858 Datasheet
411Kb / 7P
Eva series
C12041 CREE-C12041 Datasheet
266Kb / 5P
Eva series
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
Eva series
CP12198 CREE-CP12198 Datasheet
92Kb / 2P
Eva series
logo
Ledil, Inc.
C10684 LEDIL-C10684 Datasheet
874Kb / 19P
Eva Lens
C10685 LEDIL-C10685 Datasheet
907Kb / 19P
Eva Lens
C10909 LEDIL-C10909 Datasheet
880Kb / 17P
Eva Lens
C12828 LEDIL-C12828 Datasheet
1Mb / 19P
Eva Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com