Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCBA6SG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCBA6SG
Description  Coupling into light guides
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBA6SG Datasheet(HTML) 1 Page - OSRAM GmbH

  LCBA6SG Datasheet HTML 1Page - OSRAM GmbH LCBA6SG Datasheet HTML 2Page - OSRAM GmbH LCBA6SG Datasheet HTML 3Page - OSRAM GmbH LCBA6SG Datasheet HTML 4Page - OSRAM GmbH LCBA6SG Datasheet HTML 5Page - OSRAM GmbH LCBA6SG Datasheet HTML 6Page - OSRAM GmbH LCBA6SG Datasheet HTML 7Page - OSRAM GmbH LCBA6SG Datasheet HTML 8Page - OSRAM GmbH LCBA6SG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2013-09-20
1
2013-09-20
SIDELED
Datasheet
Version 1.0
LCB A6SG
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
silicone resin
• Gehäusetyp: white SMT package, colored
diffused silicone resin
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.20, Cy = 0.30 acc. to CIE 1931 (color
on demand blue)
• Farbe: Cx = 0.20, Cy = 0.30 nach CIE 1931 (color
on demand blau)
Applications
Anwendungen
• Coupling into light guides
• Einkopplung in Lichtleiter
• Backlighting
• Hinterleuchtung
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LCBA6SG

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
logo
ams-OSRAM AG
LCB A6SG-V1AB-2J8L AMSOSRAM-LCB A6SG-V1AB-2J8L Datasheet
1Mb / 24P
SIDELED®
Version 1.2 2020-06-01
LCB CRBP-JYKZ-3B6B-8E8G AMSOSRAM-LCB CRBP-JYKZ-3B6B-8E8G Datasheet
1Mb / 24P
OSLON® Signal
Version 1.10 2023-09-14
LCB G6SP-DBFA-4J5L AMSOSRAM-LCB G6SP-DBFA-4J5L Datasheet
1Mb / 22P
Advanced Power TOPLED®
Version 1.2 2020-06-29
LCB M67C-R2S2-2J8L-1 AMSOSRAM-LCB M67C-R2S2-2J8L-1 Datasheet
1Mb / 24P
Mini TOPLED®
Version 1.5 2022-08-04
More results

Similar Description - LCBA6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
Coupling into light guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com