Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH2440 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH2440
Description  Silicon Photodiode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2440 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH2440 Datasheet HTML 1Page - OSRAM GmbH SFH2440 Datasheet HTML 2Page - OSRAM GmbH SFH2440 Datasheet HTML 3Page - OSRAM GmbH SFH2440 Datasheet HTML 4Page - OSRAM GmbH SFH2440 Datasheet HTML 5Page - OSRAM GmbH SFH2440 Datasheet HTML 6Page - OSRAM GmbH SFH2440 Datasheet HTML 7Page - OSRAM GmbH SFH2440 Datasheet HTML 8Page - OSRAM GmbH SFH2440 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.1
SFH 2440
2016-07-20
3
Relative Spectral Sensitivity 1) page 11
Srel = f(λ)
Photocurrent 1) page 11
IP/IP(25 °C) = f (TA) Ev = 1000 lx, VR = 5 V
Power Consumption
Ptot = f(TA)
Dark Current 1) page 11
IR = f(VR), E = 0
400
0
nm
%
OHF05712
20
40
60
80
100
λ
rel
S
10
30
50
70
500 600 700 800 900
1100
OHF05713
I
P
(25 ˚C)
P
I
90
-40
TA
˚C
95
100
105
110
%
-20
0
20
40
60
100
0
0
P
OHF05583
tot
TA
25
50
75
100
40
80
120
mW
160
˚C
100
60
20
temp. ambient
temp. solder point
A
T
S
T
TS
A
T
0
I
OHF05714
R
VR
nA
V
4
8
12
16
2
10
6
0
0.4
0.8
1.2
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com