Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM6928 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM6928
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM6928 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM6928 Datasheet HTML 1Page - Anpec Electronics Coropration APM6928 Datasheet HTML 2Page - Anpec Electronics Coropration APM6928 Datasheet HTML 3Page - Anpec Electronics Coropration APM6928 Datasheet HTML 4Page - Anpec Electronics Coropration APM6928 Datasheet HTML 5Page - Anpec Electronics Coropration APM6928 Datasheet HTML 6Page - Anpec Electronics Coropration APM6928 Datasheet HTML 7Page - Anpec Electronics Coropration APM6928 Datasheet HTML 8Page - Anpec Electronics Coropration APM6928 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jan., 2002
www.anpec.com.tw
3
APM6928
Typical Characteristics
T
j-Junction Temperature (°C)
012345
0
5
10
15
20
Transfer Characteristics
V
GS-Gate-to-Source Voltage (V)
T
J=125°C
T
J=25°C
T
J=55°C
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Threshold Voltage vs. Junction Temperature
I
DS=250µA
0
5
10
15
20
0.00
0.01
0.02
0.03
0.04
0.05
On-Resistance vs. Drain Current
I
DS-Drain Current (A)
V
GS=10V
V
GS=4.5V
0
246
8
10
0
4
8
12
16
20
Output Characteristics
V
DS-Drain-to-Source Voltage (V)
VGS=4,5,6,7,8,9,10V
V
GS=3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com