Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5060MM/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM5060MM/NOPB
Description  High-Side Protection Controller with Low Quiescent Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5060MM/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5060MM/NOPB Datasheet HTML 28Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 29Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 30Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 31Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 32Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 33Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 34Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 35Page - Texas Instruments LM5060MM/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
LM5060
SNVS628G – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
10.3 Thermal Considerations
In normal operation the LM5060 dissipates very little power so that thermal design may not be very critical. The
power dissipation is typically the 2 mA input current times the input voltage. If the application is driving a large
capacitive load application, upon shutdown of the LM5060, the load capacitor may partially, or fully, discharge
back through the LM5060 circuitry if no other loads consume the energy of the pre-charged load capacitor. One
application example where energy is dissipated by the LM5060 is a motor drive application with a large capacitor
load. When the LM5060 is turned off, the motor might also turn off such that total residual energy in the load
capacitor is conducted through the OUT pin to ground. The power dissipated within the LM5060 is determined by
the discharge current of 80 mA and the voltage on the load capacitor.
32
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: LM5060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com