Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3C0064-60 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0064-60
Description  SMA Female 4 Hole Flange to MMCX Plug Right AngleCable 60 Inch Length Using LMR-100 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0064-60 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0064-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0064-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0064-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female 4 Hole Flange to MMCX Plug Right Angle Cable 60 Inch Length Using LMR-100 Coax from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female 4 Hole Flange to MMCX Plug Right Angle Cable 60 Inch Length Using LMR-100
Coax PE3C0064-60
URL: http://www.pasternack.com/sma-female-mmcx-plug-lmr100-cable-assembly-pe3c0064-60-p.aspx
PE3C0064-60 REV
PE3C0064-60
SMA Female 4 Hole Flange to MMCX Plug Right Angle
Cable 60 Inch Length Using LMR-100 Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com