Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QLN65/0024-3030 Datasheet(PDF) 1 Page - ebm-papst

Part # QLN65/0024-3030
Description  Tangential blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

QLN65/0024-3030 Datasheet(HTML) 1 Page - ebm-papst

  QLN65/0024-3030 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
– impeller diameter 65 mm
– horizontal or vertical mounting position with motor at the bottom
– permissible ambient temperature 0 - 60˚C
– insulation class B, class F or H on request
ebm-papst · Landshut
Tangential blowers
QLN 65
*) Corresponding to dimensional drawing; Technical data valid at free air flow and rated voltage; bold print = standard type; subject to alterations
Nominal data
motor right*
QLN65/1200-3015
QLN65/1800-3025
QLN65/2400-3030
QLN65/3000-3038
motor left
QLN65/0012-3015
QLN65/0018-3025
QLN65/0024-3030
QLN65/0030-3038
Characteristic curves
Dimensions mm
VHz
m3/h
Pa
W
mA
min-1
kg
230
50
83
50
14
135
1300
0,90
230
50
170
80
30
270
1500
1,20
230
50
220
80
38
360
1200
1,45
230
50
250
80
45
415
1200
1,75
ab
c
d
e
f
196 49 122 139
94
-
266 59 182 199 154 77
331 65 242 259 212 106
400 73 302 319 272 136
connector 6,3 x 0,8
e
ff
a
d
c
b
108
64
3x Ø2,4


Similar Part No. - QLN65/0024-3030

ManufacturerPart #DatasheetDescription
logo
ebm-papst
QLN65/0024-3030 EBMPAPST-QLN65/0024-3030 Datasheet
72Kb / 1P
Tangential blowers
More results

Similar Description - QLN65/0024-3030

ManufacturerPart #DatasheetDescription
logo
ebm-papst
QLN65AC EBMPAPST-QLN65AC Datasheet
72Kb / 1P
Tangential blowers
QG03019814 EBMPAPST-QG03019814 Datasheet
387Kb / 4P
DC tangential blower
QG03030314 EBMPAPST-QG03030314 Datasheet
384Kb / 4P
DC tangential blower
QG030-14814 EBMPAPST-QG030-14814 Datasheet
380Kb / 4P
DC tangential blower
QG030-35314 EBMPAPST-QG030-35314 Datasheet
118Kb / 1P
DC tangential fans
QG030-30312 EBMPAPST-QG030-30312 Datasheet
384Kb / 4P
DC tangential blower
QG030-35312 EBMPAPST-QG030-35312 Datasheet
384Kb / 4P
DC tangential blower
QG03014812 EBMPAPST-QG03014812 Datasheet
380Kb / 4P
DC tangential blower
QG03014814 EBMPAPST-QG03014814 Datasheet
380Kb / 4P
DC tangential blower
QG03030312 EBMPAPST-QG03030312 Datasheet
384Kb / 4P
DC tangential blower
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com