Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82PR10KLF Datasheet(PDF) 1 Page - TT Electronics.

Part # 82PR10KLF
Description  SINGLE TURN TRIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

82PR10KLF Datasheet(HTML) 1 Page - TT Electronics.

  82PR10KLF Datasheet HTML 1Page - TT Electronics. 82PR10KLF Datasheet HTML 2Page - TT Electronics. 82PR10KLF Datasheet HTML 3Page - TT Electronics. 82PR10KLF Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single Turn Trimmer
Model 82
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
1/4” diameter
Single turn
Cermet
Electrical
Environmental
Mechanical


Similar Part No. - 82PR10KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
1/4 Diameter Single Turn Cermet Trimming Potentiometer
logo
TT Electronics.
82PR10KLF TTELEC-82PR10KLF Datasheet
996Kb / 4P
Single Turn Trimmer
Issue B 04/2019
logo
Bi technologies
82PR10KLFTB BITECH-82PR10KLFTB Datasheet
62Kb / 4P
1/4 Diameter Single Turn Cermet Trimming Potentiometer
logo
TT Electronics.
82PR10KLFTB TTELEC-82PR10KLFTB Datasheet
996Kb / 4P
Single Turn Trimmer
Issue B 04/2019
logo
Bi technologies
82PR10KLFTR BITECH-82PR10KLFTR Datasheet
62Kb / 4P
1/4 Diameter Single Turn Cermet Trimming Potentiometer
More results

Similar Description - 82PR10KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30_09 Datasheet
84Kb / 4P
15 mm Single-Turn Trimmer
logo
TT Electronics.
MODEL22 TTELEC-MODEL22 Datasheet
645Kb / 3P
SINGLE TURN TRIMMER
MODEL23 TTELEC-MODEL23 Datasheet
782Kb / 3P
SINGLE TURN TRIMMER
MODEL25 TTELEC-MODEL25 Datasheet
754Kb / 4P
SINGLE TURN TRIMMER
MODEL72 TTELEC-MODEL72 Datasheet
989Kb / 5P
SINGLE TURN TRIMMER
MODEL93 TTELEC-MODEL93 Datasheet
613Kb / 3P
SINGLE TURN TRIMMER
logo
Vatronics Technologies ...
3323 VATRONICS-3323 Datasheet
99Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
3329 VATRONICS-3329 Datasheet
62Kb / 2P
Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
6mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com