Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OSOPTA1003CT5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # OSOPTA1003CT5
Description  Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OSOPTA1003CT5 Datasheet(HTML) 2 Page - Vishay Siliconix

  OSOPTA1003CT5 Datasheet HTML 1Page - Vishay Siliconix OSOPTA1003CT5 Datasheet HTML 2Page - Vishay Siliconix OSOPTA1003CT5 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OSOP
www.vishay.com
Vishay Dale Thin Film
Revision: 03-Mar-17
2
Document Number: 60002
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Tolerance available 1K and up
(2) Preferred packaging code
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
INCHES
MILLIMETERS
A
16 pin
0.193 ± 0.003
4.90
20, 24 pin
0.341 ± 0.003
8.66
B
0.154
3.91
C
0.237
6.02
D
0.025
0.635
E
0.010 ± 0.002
0.25 ± 0.05
F
0.062
1.58
G
0.068
1.73
H
0.010 ± 0.002
0.25 ± 0.05
I
0.025
0.64
J
16 pin
0.009
0.23
20 pin
0.057
1.47
24 pin
0.057
1.47
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy
Lead (Pb)-free Option
100 % matte tin
Tin Lead Option
Sn90
Tin Lead and Lead (Pb)-free Finish
Plated
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: OSOPA1002BUF
GLOBAL MODEL
(4 or 5 digits)
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
OSOP
(Tin Lead)
OSOPT
(Lead (Pb)-free)
(e3)
A = 20 pin
10 isolated resistors
B = 16 pin
8 isolated resistors
C = 24 pin
12 isolated resistors
D = 20 pin 19 resistors
pin 20 common
E = 16 pin 15 resistors
pin 16 common
F = 24 pin 23 resistors
pin 24 common
First 3 digits are significant
figures and the last digit
specifies the number of
zeroes to follow.
Example:
1002 = 10K
1003 = 100K
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
Z = 0.1 % (1)
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (2)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel 2500
TS = 100 min., 1 mult
UF = TUBED
Historical Part Number example: OSOPA5000B (for reference purposes only)
OSOP
A
5000
B
SERIES
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
J
A
B
D
H
E
F
G
C
I
Part
Number
Marking
Date
Code
Logo
PIN 1
Locator
PTA
1
0
0
3
A
T
1
O
S
O
P
A
10
02
B
U
F
O
S
O



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com