Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C11552 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11552
Description  Barbara Reflector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11552 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11552 Datasheet HTML 1Page - Ledil, Inc. C11552 Datasheet HTML 2Page - Ledil, Inc. C11552 Datasheet HTML 3Page - Ledil, Inc. C11552 Datasheet HTML 4Page - Ledil, Inc. C11552 Datasheet HTML 5Page - Ledil, Inc. C11552 Datasheet HTML 6Page - Ledil, Inc. C11552 Datasheet HTML 7Page - Ledil, Inc. C11552 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT DATASHEET
Barbara series
last update 21/9/2017
DETAILS
Product Number
C11552_BARBARA-S
Family
Barbara
Type
Reflector
Color
metal
Diameter
70 mm
Height
44,7 mm
Style
round
Optic Material
PC
Holder Material
Fastening
glue
Status
production ready
ROHS Compliant
Yes
Date Updated
21/09/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
BXRA ES Rectangle
17 deg
Spot
90 %
5.060
-
CL-L330
17 deg
Spot
90 %
5.000
-
CLU730/731
sim: 14
Spot
sim: 91 % sim: 6.140 -
CXA2011
17 deg
Spot
90 %
4.540
-
COB 10W/13W/17W/24W
19 deg
Spot
90 %
4.100
-
February 5th 2018 3:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11552

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11552 LEDIL-C11552 Datasheet
2Mb / 5P
~15째 spot beam
C11552 LEDIL-C11552_18 Datasheet
2Mb / 5P
~15째 spot beam
More results

Similar Description - C11552

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13927 CREE-FCN13927 Datasheet
2Mb / 44P
Barbara series
FCN14283 CREE-FCN14283 Datasheet
555Kb / 9P
Barbara series
FCN14286 CREE-FCN14286 Datasheet
363Kb / 7P
Barbara series
FCN14311 CREE-FCN14311 Datasheet
2Mb / 49P
Barbara series
FCN14711 CREE-FCN14711 Datasheet
444Kb / 6P
Barbara series
FCN14712 CREE-FCN14712 Datasheet
405Kb / 7P
Barbara series
logo
Ledil, Inc.
C11553-BARBARA-W LEDIL-C11553-BARBARA-W Datasheet
1Mb / 13P
Barbara series
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
F13702 LEDIL-F13702 Datasheet
3Mb / 65P
Barbara Reflector
F13703 LEDIL-F13703 Datasheet
4Mb / 77P
Barbara Reflector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com