Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C12154 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C12154
Description  Lena Reflector
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12154 Datasheet(HTML) 2 Page - Ledil, Inc.

  C12154 Datasheet HTML 1Page - Ledil, Inc. C12154 Datasheet HTML 2Page - Ledil, Inc. C12154 Datasheet HTML 3Page - Ledil, Inc. C12154 Datasheet HTML 4Page - Ledil, Inc. C12154 Datasheet HTML 5Page - Ledil, Inc. C12154 Datasheet HTML 6Page - Ledil, Inc. C12154 Datasheet HTML 7Page - Ledil, Inc. C12154 Datasheet HTML 8Page - Ledil, Inc. C12154 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 225 page
background image
PRODUCT DATASHEET
Lena series
last update 30/1/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLU720/721
18 deg
Medium
83 %
5.700
-
CLU710/711
16 deg
Medium
86 %
7.200
-
CLL04x/CLU04x
26 deg
Medium
88 %
3.300
-
CLU730/731
19 deg
Medium
80 %
5.200
-
CLL03x/CLU03x
22 deg
Medium
78 %
3.700
-
CLU720/721
20 deg
Medium
77 %
3.700
-
CLU710/711
18 deg
Medium
81 %
4.300
-
CLL04x/CLU04x
24 deg
Medium
77 %
2.670
-
CLL04x/CLU04x
27 deg
Medium
83 %
3.300
Bender Wirth: 431 Typ L3
CLL04x/CLU04x
30 deg
Medium
78 %
2.300
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
22 deg
Medium
83 %
4.700
Bender Wirth: 433 Typ L1
CLL02x/CLU02x (LES10)
17 deg
Medium
83 %
6.600
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
23 deg
Medium
78 %
3.400
Bender Wirth: 433 Typ L1
CLU700/701
16 deg
Medium
78 %
5.500
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
20 deg
Medium
78 %
4.300
Bender Wirth: 434 Typ L1
CLL04x/CLU04x
27 deg
Medium
78 %
2.500
IDEAL: 50-2204CT + 50-2100LN
CLL03x/CLU03x
22 deg
Medium
76 %
3.500
A.A.G. STUCCHI: 8101/G2 + S-8000/11
CLL04x/CLU04x
30 deg
Medium
71 %
1.800
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
sim: 20
Medium
sim: 86 % sim: 4.800 IDEAL: 50-2234C + 50-2100LN
CXA2011
19 deg
Medium
78 %
4.100
-
CXA/B 15xx
16 deg
Medium
84 %
7.510
-
CXA/B 15xx
17 deg
Medium
79 %
5.290
-
CXA/B 25xx
20 deg
Medium
82 %
4.400
-
CXA/B 25xx
21 deg
Medium
77 %
3.400
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 21 deg
Medium
85 %
5.300
Bender Wirth: 437 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 22 deg
Medium
80 %
3.700
Bender Wirth: 437 Typ L1
CXA/B 15xx
18 deg
Medium
78 %
5.100
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 17 deg
Medium
84 %
7.880
-
CXA/B 30xx
NULL deg
Medium
sim: 80 % sim: 3.600 IDEAL: 50-2234C + 50-2100LN
CHI3030 29W
34 deg
Medium
78 %
1.900
Bender Wirth: 468 Typ L3
CHI3030 19W
27 deg
Medium
81 %
2.900
Bender Wirth: 468 Typ L3
LUXEON CoB 1216/1812
26 deg
Medium
77 %
3.140
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1204/1205
19 deg
Medium
79 %
5.100
-
LUXEON CoB 1208
21 deg
Medium
80 %
4.500
-
LUXEON CoB 1204/1205
21 deg
Medium
74 %
3.400
-
LUXEON CoB 1208
23 deg
Medium
74 %
3.100
-
LUXEON CoB 1216/1812
27 deg
Medium
83 %
3.300
LEDiL: LEDiL
LUXEON CoB 1216/1812
29 deg
Medium
80 %
3.600
-
LUXEON K16
20 deg
Medium
77 %
0.460
-
LUXEON K12
19 deg
Medium
80 %
0.530
-
LUXEON K12
21 deg
Medium
74 %
4.000
-
LUXEON K16
22 deg
Medium
72 %
3.450
-
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 2/45
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com