Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C12598 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12598
Description  Lenina Reflector
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12598 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12598 Datasheet HTML 1Page - Ledil, Inc. C12598 Datasheet HTML 2Page - Ledil, Inc. C12598 Datasheet HTML 3Page - Ledil, Inc. C12598 Datasheet HTML 4Page - Ledil, Inc. C12598 Datasheet HTML 5Page - Ledil, Inc. C12598 Datasheet HTML 6Page - Ledil, Inc. C12598 Datasheet HTML 7Page - Ledil, Inc. C12598 Datasheet HTML 8Page - Ledil, Inc. C12598 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 274 page
background image
PRODUCT DATASHEET
Lenina series
last update 29/9/2017
DETAILS
Product Number
C12598_LENINA-M
Family
Lenina
Type
Reflector
Color
metal
Diameter
74 mm
Height
40 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
29/09/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
sim: 26
Medium
sim: 90 % sim: 2.647 IDEAL: 50-2103CT + 50-2100AN
BXRA ES Rectangle
29 deg
Medium
86 %
sim: 2.300 -
BXRA ES Rectangle
36 deg
Medium
78 %
sim: 2.000 LEDiL: LEDiL
BXRA RS
44 deg
Medium
88 %
1.373
-
BXRA RS
47 deg
Medium
80 %
1.220
-
V10 Gen6
21 deg
Medium
84 %
3.170
-
VERO29
52 deg
Medium
89 %
1.160
-
V22 Gen7
sim: 42
Medium
sim: 90 % sim: 1.537 Bender Wirth: 431 Typ L3
VERO29
52 deg
Medium
85 %
1.060
-
V22 Gen7
sim: 42
Medium
sim: 87 % sim: 1.450 Bender Wirth: 431 Typ L3
VERO13
28 deg
Medium
91 %
2.400
-
VERO18
35 deg
Medium
90 %
1.860
-
V10 Gen7
sim: 26
Medium
sim: 91 % sim: 2.730 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 31
Medium
sim: 90 % sim: 2.250 Bender Wirth: 477 Typ L1
VERO13
31 deg
Medium
87 %
2.000
-
VERO18
37 deg
Medium
86 %
1.600
-
V10 Gen7
sim: 28
Medium
sim: 86 % sim: 2.280 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 32
Medium
sim: 86 % sim: 2.000 Bender Wirth: 477 Typ L1
V13 Gen7
sim: 26
Medium
sim: 87 % sim: 2.230 IDEAL: 50-2103CT + 50-2100AN
CLL04x/CLU04x
35 deg
Medium
90 %
1.800
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
36 deg
Medium
83 %
1.600
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CL-L340
30 deg
Medium
86 %
-
-
CL-L340
35 deg
Medium
78 %
-
-
CLL03x/CLU03x
28 deg
Medium
91 %
2.400
-
CLU710/711
19 deg
Medium
93 %
3.300
-
February 5th 2018 3:10 Copyright Ledil Oy - Subject to change without prior notice - Page 1/62
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12598

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1259 VECTRON-C1259 Datasheet
72Kb / 4P
Telecommunication 5x7 ceramic oscillator Universal Clock Enable Function
logo
Ledil, Inc.
C12597 LEDIL-C12597 Datasheet
11Mb / 285P
Lenina Reflector
logo
Hamamatsu Corporation
C12597-01 HAMAMATSU-C12597-01_15 Datasheet
128Kb / 2P
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY
logo
Ledil, Inc.
C12599 LEDIL-C12599 Datasheet
9Mb / 220P
Lenina Reflector
More results

Similar Description - C12598

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13197 CREE-CN13197 Datasheet
403Kb / 5P
Lenina series
CN13201 CREE-CN13201 Datasheet
420Kb / 6P
Lenina series
CN14106 CREE-CN14106 Datasheet
2Mb / 37P
Lenina series
CN14108 CREE-CN14108 Datasheet
2Mb / 35P
Lenina series
CN12641 CREE-CN12641 Datasheet
403Kb / 5P
Lenina series
CN12650 CREE-CN12650 Datasheet
278Kb / 3P
Lenina series
CN12652 CREE-CN12652 Datasheet
299Kb / 3P
Lenina series
logo
Ledil, Inc.
C12597 LEDIL-C12597 Datasheet
11Mb / 285P
Lenina Reflector
C12599 LEDIL-C12599 Datasheet
9Mb / 220P
Lenina Reflector
C12958 LEDIL-C12958 Datasheet
11Mb / 288P
Lenina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com