Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA14032 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14032
Description  Strada Assembly
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14032 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14032 Datasheet HTML 1Page - Ledil, Inc. CA14032 Datasheet HTML 2Page - Ledil, Inc. CA14032 Datasheet HTML 3Page - Ledil, Inc. CA14032 Datasheet HTML 4Page - Ledil, Inc. CA14032 Datasheet HTML 5Page - Ledil, Inc. CA14032 Datasheet HTML 6Page - Ledil, Inc. CA14032 Datasheet HTML 7Page - Ledil, Inc. CA14032 Datasheet HTML 8Page - Ledil, Inc. CA14032 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PRODUCT DATASHEET
Strada series
last update 21/9/2016
DETAILS
Product Number
CA14032_STRADA-SQ-T4
Family
Strada
Type
Assembly
Color
clear
Diameter
25x25 mm
Height
9,4 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
screw, tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
21/09/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL440
Asymmetric degStreetligh...
93 %
0.590
-
PSL445
Asymmetric degStreetligh...
92 %
0.410
-
MK-R
Asymmetric degStreetligh...
92 %
0.480
-
MHB-A/B
sim: AsymmetricStreetligh...
sim: 92 % sim: 0.480 -
XHP50
Asymmetric degStreetligh...
93 %
0.560
-
LUXEON M/MX
Asymmetric degStreetligh...
92 %
0.500
-
LUXEON MZ
Asymmetric degStreetligh...
93 %
0.670
-
LUXEON TX
Asymmetric degStreetligh...
93 %
0.710
-
LUXEON XR-M linear 1x3, 1x4, 1x5
Asymmetric degStreetligh...
94 %
0.570
-
NV4x144A
Asymmetric degStreetligh...
92 %
0.550
-
NVSxx19B/NVSxx19C
sim: AsymmetricStreetligh...
sim: 92 % -
-
Duris S10
Asymmetric degStreetligh...
91 %
0.500
-
OSCONIQ P 7070
sim: AsymmetricStreetligh...
sim: 91 % sim: 0.580 -
OSCONIQ P 3737 (2W version)
sim: AsymmetricStreetligh...
sim: 94 % sim: 0.650 -
Duris S8
sim: AsymmetricStreetligh...
sim: 94 % sim: 0.570 -
January 26th 2018 9:41 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA14032

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14032 LEDIL-CA14032 Datasheet
2Mb / 8P
IESNA Type IV beam for wider roads and large outdoor areas.
CA14032 LEDIL-CA14032_18 Datasheet
2Mb / 8P
IESNA Type IV beam for wider roads and large outdoor areas.
More results

Similar Description - CA14032

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS12862 LEDIL-CS12862 Datasheet
3Mb / 50P
Strada Assembly
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
CA11348 LEDIL-CA11348 Datasheet
433Kb / 9P
Strada Assembly
CA12333 LEDIL-CA12333 Datasheet
663Kb / 11P
Strada Assembly
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
Strada Assembly
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
CS14145 LEDIL-CS14145 Datasheet
2Mb / 39P
Strada Assembly
CS15362 LEDIL-CS15362 Datasheet
2Mb / 41P
Strada Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com