Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR4285 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR4285
Description  Reference Oscillator up to 15 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4285 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR4285 Datasheet HTML 1Page - ATMEL Corporation ATR4285 Datasheet HTML 2Page - ATMEL Corporation ATR4285 Datasheet HTML 3Page - ATMEL Corporation ATR4285 Datasheet HTML 4Page - ATMEL Corporation ATR4285 Datasheet HTML 5Page - ATMEL Corporation ATR4285 Datasheet HTML 6Page - ATMEL Corporation ATR4285 Datasheet HTML 7Page - ATMEL Corporation ATR4285 Datasheet HTML 8Page - ATMEL Corporation ATR4285 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
4884A–AUDR–08/05
ATR4285
Note:
1. Corresponding to the application circuit (Figure 9-1 on page 10)
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pins
Symbol
Value
Unit
Supply voltage
1
V
DD
–0.3 to +6
V
Input voltage
2, 3, 4, 9, 11, 18,
19
VI
–0.3 to VDD + 0.3
V
Output current
3, 5, 6, 7, 8
I
O
–1 to +5
mA
Output drain voltage
5, 6, 7, 8
V
OD
15
V
Analog supply voltage with 220
Ω serial
resistance 2 minutes(1)
16
V
A
VA
6 to 15
24
V
V
Output current
12, 15
IAO
–1 to +20
mA
Ambient temperature range
Tamb
–30 to +85
°C
Storage temperature range
Tstg
–40 to +125
°C
Junction temperature
Tj
125
°C
Electrostatic handling
(modified MIL STD 883 D method 3015.7: all
supply pins connected together)
±V
ESD
1000
V
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
160
K/W
6.
Electrical Characteristics
VDD = 5V, VA = 10V, Tamb = 25° C, unless otherwise specified
Parameters
Test Conditions
Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
1
VDD
4.5
5.0
5.5
V
Quiescent supply current
AM mode/FM mode
1
IDD
4.0
7.0
mA
FM input sensitivity,
R
G = 50Ω, FMOSC
fi = 70 MHz to 120 MHz
9
VSFM
40
mVrms
fi = 160 MHz
9
VSFM
150
mVrms
AM input sensitivity,
RG = 50Ω, AMOSC
f
i = 0.6 MHz to 35 MHz
11
V
SAM
40
mV
rms
Oscillator input sensitivity,
R
G = 50Ω, OSCIN
fi = 0.1 MHz to 15 MHz
18
VSOSC
100
mVrms
Switching Output SWO1, SWO2, SWO3, SWO4 (Open Drain)
Output voltage LOW
IL = 1 mA
5, 6,
7, 8
VSWOL
100
400
mA
Output leakage current HIGH
V5, V6, V7, V8 = 10V
5, 6,
7, 8
I
OHL
100
nA
Phase Detector PDFM
Output current 1
13
±I
PDFM
1600
2000
2400
µA
Output current 2
13
±I
PDFM
400
500
600
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com