Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR4289 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR4289
Description  Reference Oscillator up to 15 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4289 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR4289 Datasheet HTML 1Page - ATMEL Corporation ATR4289 Datasheet HTML 2Page - ATMEL Corporation ATR4289 Datasheet HTML 3Page - ATMEL Corporation ATR4289 Datasheet HTML 4Page - ATMEL Corporation ATR4289 Datasheet HTML 5Page - ATMEL Corporation ATR4289 Datasheet HTML 6Page - ATMEL Corporation ATR4289 Datasheet HTML 7Page - ATMEL Corporation ATR4289 Datasheet HTML 8Page - ATMEL Corporation ATR4289 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
Reference Oscillator up to 15 MHz
Two Programmable 16-bit Dividers Adjustable from 2 to 65535
Fine Tuning Steps
–AM
≥ 1 kHz
–FM
≥ 2 kHz
Loop-push-pull Stage for AM/FM
High Signal/Noise Ratio
1.
Description
The ATR4289 is an integrated circuit in BiCMOS technology for frequency synthesiz-
ers. It performs all the functions of a PLL radio tuning system and is controlled by a
2-wire bus. The device is designed for all frequency synthesizer applications in radio
receivers, as well as for radio data system (RDS) applications.
Figure 1-1.
Block Diagram
R divider
N divider
I2C bus
interface
Oscillator
Phase
Current
sources
AM/FM
14
15
2
3
4
6
8
OSCOUT
OSCIN
SCL
AS
FMOSC
AMOSC
SDA
5
7
1
16
SWO1
11
12
13
9
10
PDAM
PDAMO
VA
PDFMO
PDFM
GND2
GND1
VDD
switch
Switching
output
detector
AM/FM PLL with
1 Switch
ATR4289
Rev. 4885A–AUDR–09/05


Similar Part No. - ATR4289

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
Reference Oscillator up to 15 MHz
ATR4285-TKQY ATMEL-ATR4285-TKQY Datasheet
274Kb / 13P
Reference Oscillator up to 15 MHz
ATR4285-TKSY ATMEL-ATR4285-TKSY Datasheet
274Kb / 13P
Reference Oscillator up to 15 MHz
More results

Similar Description - ATR4289

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
Supports up to 15??laptops.
logo
ATMEL Corporation
ATR4285 ATMEL-ATR4285 Datasheet
274Kb / 13P
Reference Oscillator up to 15 MHz
U4285BM ATMEL-U4285BM Datasheet
222Kb / 10P
Reference Oscillator up to 15 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com