Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP78LU3.3-0.5 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP78LU3.3-0.5
Description  Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP78LU3.3-0.5 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP78LU3.3-0.5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP78LU3.3-0.5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP78LU3.3-0.5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP78LUxx-0.5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page1/3
TEMPERATURE DERATING GRAPHS
STANDARD APPLICATION CIRCUIT(EXTERNAL CAPACITOR TABLE)
Note:
1. Recommended soft-start to establish input voltage, does not support hot-swappable.
and the mutation of the input voltage from low voltage to high voltage may damage the modules.
2. If the product is used in high-voltage applications, a C1 ( ≤47μF / 100V) input must be added to prevent the voltage spikes from damaging the module.
3. No parallel connection .
EMC RECOMMENDED CIRCUIT
TEST CONFIGURATIONS(TA=25℃)
1 Ripple&noise measurement diagram wile full load
2. Load transient response waveform
TP78LU5.0-0.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com