Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL90-18/00 Datasheet(PDF) 1 Page - ebm-papst

Part # RL90-18/00
Description  AC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RL90-18/00 Datasheet(HTML) 1 Page - ebm-papst

  RL90-18/00 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
234
Air performance measured according to:
ISO 5801.
Installation category A, without contact
protection.
Noise: Total sound power level LWA ISO
103002measured on a hemisphere with a
radius of 2 m;
Sound pressure level LpA measured at 1 m
distance from fan axis.
The values given are applicable only under
the specified measuring conditions and may
differ depending on the installation conditions.
described measurement set-up and may vary
depending on the installation situation.
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See page 12)
- Moisture protection
- Salt spray protection
- Degree of protection: IP 54
Max.
42 m3/h
Type
m3/h
cfm
VAC
Hz
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RL 90-18/50
40
23.5
230
50
5.6
20.0
2 450
-10...+50
37 500 / 30 000
¿
RL 90-18/56
40
23.5
230
50
5.6
20.0
2 450
-30...+70
37 500 / 20 000
¿
RL 90-18/00
42
24.7
115
60
6.0
19.5
2 550
-10...+60
37 500 / 25 000
¡
RL 90-18/06
42
24.7
115
60
6.0
19.5
2 550
-30...+85
37 500 / 15 000
¡
Subject to change
– Material:
Scroll housing: GRP1) (PBT)
Impeller: GRP1) (PA)
Housing base: Sheet steel
– Direction of air flow: Centrifugal: discharge through
window in housing
– Direction of rotation: Clockwise, looking towards rotor
– Connection:
Via 2 single wires; housing base
with flat plugs 6.3 x 0.8 mm for
ground conductor
– Highlights:
Forward-curved impeller
– Weight:
680 g
1) Fiberglass-reinforced plastic
Fan type
Connection wires
RL 90-18/50
RL 90-18/00
AWG 18, TR 32
RL 90-18/56
RL 90-18/06
AWG 22
Tin-plated
AC centrifugal fans
 121 x 37 mm
Series RL 90
Nominal data


Similar Part No. - RL90-18/00

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RL90-18/00 EBMPAPST-RL90-18/00 Datasheet
259Kb / 1P
FLATPAK
RL90-18/00 EBMPAPST-RL90-18/00 Datasheet
171Kb / 1P
AC centrifugal fans
More results

Similar Description - RL90-18/00

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E250-AS47-05 EBMPAPST-R2E250-AS47-05 Datasheet
72Kb / 2P
AC centrifugal fans
RER160 EBMPAPST-RER160 Datasheet
238Kb / 1P
AC centrifugal fans
RG125 EBMPAPST-RG125 Datasheet
153Kb / 1P
AC centrifugal fans
RL90 EBMPAPST-RL90 Datasheet
171Kb / 1P
AC centrifugal fans
R2E190RA EBMPAPST-R2E190RA Datasheet
603Kb / 2P
AC centrifugal fans
R2E220RA EBMPAPST-R2E220RA Datasheet
588Kb / 2P
AC centrifugal fans
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
AC centrifugal fans
RG125-1956 EBMPAPST-RG125-1956_16 Datasheet
113Kb / 1P
AC centrifugal fans
RG125-19 EBMPAPST-RG125-19 Datasheet
113Kb / 1P
AC centrifugal fans
RG160-28 EBMPAPST-RG160-28_16 Datasheet
119Kb / 1P
AC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com