Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF3A6.8FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF3A6.8FE
Description  TOSHIBA Diodes for Protecting Against ESD Epitaxial Planar Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3A6.8FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF3A6.8FE Datasheet HTML 1Page - Toshiba Semiconductor DF3A6.8FE Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF3A6.8FE
2001-02-07 1/2
TOSHIBA Diodes for Protecting Against ESD Epitaxial Planar Type
DF3A6.8FE
Diodes for Protecting Against ESD
l Because two devices are mounted on an ultra compact package, it is
possible to allow reducing the number of the parts and the mounting
cost.
l Zener voltage correspond to E24 series.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
―
IZ = 5mA
6.4
6.8
7.2
V
Dynamic impedance
ZZ
―
IZ = 5mA
―
10
―
Ω
Knee dynamic impedance
ZZK
―
IZ = 0.5mA
―
30
―
Ω
Reverse current
IR
―
VR = 5V
―
―
0.5
µA
Guaranteed Level of Esd Immunity
Marking
Equivalent Circuit (Top View)
JEDEC
―

EIAJ
―
TOSHIBA
1-2SA1A
Weight: 2.3 mg
Test Condition
ESD Immunity Level
IEC61000-4-2
(Contact discharge)
±30kV
Unit in mm
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
000707EAA2


Similar Part No. - DF3A6.8FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF3A6.8FE TOSHIBA-DF3A6.8FE Datasheet
186Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FE TOSHIBA-DF3A6.8FE_07 Datasheet
186Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results

Similar Description - DF3A6.8FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF3A6.8LFU TOSHIBA-DF3A6.8LFU Datasheet
94Kb / 3P
TOSHIBA Diodes For Protecting Against ESD Epitaxial Planar Type
DF5A6.8F TOSHIBA-DF5A6.8F Datasheet
135Kb / 3P
TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
08-Nov-2004
DF5A3.6CJE TOSHIBA-DF5A3.6CJE Datasheet
166Kb / 3P
Diodes for Protecting against ESD Epitaxial Planar Type
DF2S12FU TOSHIBA-DF2S12FU_14 Datasheet
178Kb / 4P
TOSHIBA Diodes for Protecting against ESD
DF3A6.8UFU TOSHIBA-DF3A6.8UFU Datasheet
148Kb / 4P
TOSHIBA Diodes for Protecting against ESD
DF2B6.8E TOSHIBA-DF2B6.8E Datasheet
170Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A5.6LFU TOSHIBA-DF3A5.6LFU Datasheet
145Kb / 3P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF3A6.2F TOSHIBA-DF3A6.2F Datasheet
169Kb / 4P
TOSHIBA Diodes For Protecting Against ESD
2014-03-01
DF3A6.8CT TOSHIBA-DF3A6.8CT Datasheet
241Kb / 4P
TOSHIBA Diodes for Protecting against ESD
2014-03-01
01ZA8.2 TOSHIBA-01ZA8.2 Datasheet
81Kb / 3P
TOSHIBA Diodes for Protecting Against ESD Epitaxial Planar Type
2003-03-24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com