Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG7NT4100V Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG7NT4100V
Description  VR Enable and Discharge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4100V Datasheet(HTML) 8 Page - Dialog Semiconductor

  SLG7NT4100V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
VR Enable and Discharge
SLG7NT4100
SLG7NT4100_DB_r101
Page 8
Tape and Reel Specification
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Reel &
Hub Size
(mm)
Trailer A
Leader B
Pocket (mm)
per reel
per box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
TDFN 12L
2.5x2.5mm
0.4P Green
12
2.5x2.5x0.75
3000
3000
178/60
42
168
42
168
8
4
Carrier Tape Drawing and Dimensions
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
TDFN 12L
2.5x2.5mm
0.4P Green
2.75
2.75
1.05
4
4
1.55
1.75
3.5
8
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 4.6875 mm
3 (nominal).
More information can be found at www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com