Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59M1730CTR Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG59M1730CTR
Description  Integrated VOUT Discharge Resistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1730CTR Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG59M1730CTR Datasheet HTML 1Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 2Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1730CTR Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
000-0059M1730-104
Page 2 of 18
SLG59M1730C
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
A1
ON
Input
A low-to-high transition on this pin initiates the operation of the SLG59M1730C. ON is
an asserted HIGH, level-sensitive CMOS input with VIL < 0.3 V and VIH > 0.85 V. As
the ON pin input circuit does not have an internal pull-down resistor, connect this pin
to a general-purpose output (GPO) of a microcontroller, an application processor, or a
system controller – do not allow this pin to be open-circuited. In order to activate the
SLG59M1730C’s controlled inrush current control circuitry, ON shall be toggled HIGH
only after VIN is higher than the SLG59M1730C’s VSUCC(TH) specification.
B1
VIN
MOSFET
Input terminal connection of the p-channel MOSFET. Connect a 10 µF (or larger)
low-ESR capacitor from this pin to ground. Capacitors used at VIN should be rated at
10 V or higher.
B2
VOUT
MOSFET
Output terminal connection of the p-channel MOSFET. For optimal operation of the
SLG59M1730C controlled inrush current profile, connect a 30 µF (or smaller) capacitor
from this pin to ground. Capacitors used at VOUT should be rated at 10 V or higher.
A2
GND
GND
Ground connection. Connect this pin to system analog or power ground plane.
Part Number
Type
Production Flow
SLG59M1730C
WLCSP 4L
Industrial, -40
°C to 85 °C
SLG59M1730CTR
WLCSP 4L (Tape and Reel)
Industrial, -40
°C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com