Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 134 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 134 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 130Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 131Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 132Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 133Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 134Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 135Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 137Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 212 page
background image
134
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.8.2.2
Supply Supervisor and Monitor for High Side (SVSMH)
The SVSMH supervises and monitors the VCC. SVSMH has a programmable threshold setting and can be
used by the application to generate a reset or an interrupt if the VCC dips below the desired threshold. In
supervisor mode, the SVSMH generates a device reset (POR class reset). In monitor mode, the SVSMH
generates an interrupt. The SVSMH can also be disabled if monitoring and supervision of the supply
voltage are not required (offers further power savings).
6.8.2.3
Core Voltage Regulator
MSP432P4x1x devices can be programmed to operate with either the LDO or the DC/DC as the voltage
regulator for the digital logic in the core domain of the device. The DC/DC offers significant boost in power
efficiency for high-current high-performance applications. The LDO is a highly efficient regulator that offers
power advantages at lower VCC ranges and in the ultra-low-power modes of operation.
The core operating voltage (output of the LDO or DC/DC) is automatically set by the device depending on
the selected operating mode of the device (see Table 6-43 for further details). The device offers seamless
switching between LDO and DC/DC operating modes and also implements a seamless DC/DC fail-safe
mechanism.
6.8.3
Power Control Manager (PCM)
The PCM controls the operating modes of the device and the switching between the modes. Mode
selection is controlled by the application, which can choose modes to meet its power and performance
requirements. Table 6-43 lists the operating modes of the device.
Table 6-43. MSP432P4x1x Operating Modes
OPERATING MODE
DESCRIPTION
AM_LDO_VCORE0
LDO-based active mode, medium performance, core voltage level 0
LPM0_LDO_VCORE0
Same as AM_LDO_VCORE0, except that CPU is off (no code execution)
AM_LDO_VCORE1
LDO-based active mode, maximum performance, core voltage level 1
LPM0_LDO_VCORE1
Same as AM_LDO_VCORE1, except that CPU is off (no code execution)
AM_DCDC_VCORE0
DC/DC-based active mode, medium performance, core voltage level 0
LPM0_DCDC_VCORE0
Same as AM_DCDC_VCORE0, except that CPU is off (no code execution)
AM_DCDC_VCORE1
DC/DC-based active mode, maximum performance, core voltage level 1
LPM0_DCDC_VCORE1
Same as AM_DCDC_VCORE1, except that CPU is off (no code execution)
AM_LF_VCORE0
LDO-based low-frequency active mode, core voltage level 0
LPM0_LF_VCORE0
Same as AM_LF_VCORE0, except that CPU is off (no code execution)
AM_LF_VCORE1
LDO-based low-frequency active mode, core voltage level 1
LPM0_LF_VCORE1
Same as AM_LF_VCORE1, except that CPU is off (no code execution)
LPM3_VCORE0
LDO-based low-power mode with full state retention, core voltage level 0. In addition to RTC_C and WDT_A,
other peripherals can be operational with an external or internal low-frequency clocks up to 128 kHz. See
Table 6-44 for peripherals that are available in this mode.
LPM3_VCORE1
LDO-based low-power mode with full state retention, core voltage level 1. In addition to RTC_C and WDT_A,
other peripherals can be operational with an external or internal low-frequency clocks up to 128 kHz. See
Table 6-44 for peripherals that are available in this mode.
LPM4_VCORE0
LDO-based low-power mode with full state retention, core voltage level 0.Peripherals can be operational out of
external clocks up to 128 kHz. See Table 6-44 for peripherals that are available in this mode.
LPM4_VCORE1
LDO-based low-power mode with full state retention, core voltage level 1.Peripherals can be operational out of
external clocks up to 128 kHz. See Table 6-44 for peripherals that are available in this mode.
LPM3.5
LDO-based low-power mode, core voltage level 0, no retention of peripheral registers, RTC_C and WDT_A can
be active
LPM4.5
Core voltage off, wakeup only through pin reset or wakeup-capable I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com