Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 86 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 86 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 82Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 83Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 84Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 85Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 86Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 87Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 88Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 89Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 212 page
background image
86
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Specifications
Copyright © 2017–2018, Texas Instruments Incorporated
Table 5-37. LCD Recommended Operating Conditions (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
fLCD
LCD frequency range
fFRAME = 1/(2 × mux) × fLCD with
mux = 1 (static) to 8
1024
Hz
fFRAME,4mux
LCD frame frequency
range
fFRAME,4mux (MAX) = 1/(2 × 4) × fLCD (MAX)
= 1 / (2 × 4) × 1024 Hz
128
Hz
fFRAME,8mux
LCD frame frequency
range
fFRAME,8mux (MAX) = 1/(2 × 8) × fLCD (MAX)
= 1/(2 × 8) × 1024 Hz
64
Hz
CPanel
Panel capacitance
fLCD = 1024 Hz, all common lines equally
loaded
10000
pF
VR23,1/3bias
Analog input voltage at
R23 with 1/3 biasing
LCDREXT = 1, LCDEXTBIAS = 1,
LCD2B = 0
VR13
VR03 + 2/3 ×
(VCC – VR03)
VCC
V
VR13,1/3bias
Analog input voltage at
R13 with 1/3 biasing
LCDREXT = 1, LCDEXTBIAS = 1,
LCD2B = 0
VR03
VR03 + 1/3 ×
(VCC – VR03)
VR23
V
VR13,1/2bias
Analog input voltage at
R13 with 1/2 biasing, 1-4
Mux modes
LCDREXT = 1, LCDEXTBIAS = 1,
LCD2B = 1, LCDMXx(2) = 0
VR03
VR03 + 1/2 ×
(VCC – VR03)
VCC
V
VR23,1/4bias
Analog input voltage at
R23 with 1/4 biasing, 4-8
Mux modes
LCDREXT = 1, LCDEXTBIAS = 1,
LCD2B = 1, LCDMXx(2) = 1
VR13
3/4 × VCC
VCC
V
VR13,1/4bias
Analog input voltage at
R13 with 1/4 biasing, 4-8
Mux modes
LCDREXT = 1, LCDEXTBIAS = 1,
LCD2B = 1, LCDMXx(2) = 1
VR03
1/2 × VCC
VR23
V
VR03,1/4bias
Analog input voltage at
R03 with 1/4 biasing, 4-8
Mux modes
LCDREXT = 1, LCDEXTBIAS = 1,
LCD2B = 1, LCDMXx(2) = 1
VSS
1/4 × VCC
VR13
V
VR03,EXT
Analog input voltage at
R03 in 1/2 and 1/3-bias
modes
R0EXT = 1
VSS
VCC
V
Table 5-38 lists the electrical characteristics of the LCD controller.
Table 5-38. LCD Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
NOM
MAX
UNIT
RLCD,Seg
LCD driver output impedance, segment
lines
ILOAD = ±10 μA
2.4 V
10
kΩ
RLCD,COM
LCD driver output impedance, common
lines
ILOAD = ±10 μA
2.4 V
10
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com