Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 140 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 140 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 136Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 137Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 138Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 139Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 140Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 141Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 142Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 143Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 212 page
background image
140
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.9.3.1
Timer_A Signal Connection Tables
Table 6-48 to Table 6-51 list the interface signals of the Timer_A modules on the device and connections
of the interface signals to the corresponding pins or internal signals. The following rules apply to the
naming conventions used.
•
The first column lists the device level pin or internal signal that sources the clocks or triggers into the
Timer. The default assumption is that these are pins, unless specifically marked as (internal).
Nomenclature used for internal signals is as follows:
–
CxOUT: Output from Comparator x
–
TAx_Cy: Output from Timer x, Capture/Compare module y
•
The second column lists the input signals of the timer module.
•
The third column lists the submodule of the timer and also implies the functionality [timer, capture
(inputs or triggers), or compare (outputs or PWM)].
•
The fourth column lists the output signals of the timer module.
•
The fifth column lists the device-level pin or internal signal that is driven by the outputs of the timer.
The default assumption is that these are pins, unless specifically marked as (internal).
NOTE
The pin names listed in the tables are the complete names. It is the responsibility of the
software to ensure that the pin is used in the intended mode for the targeted timer
functionality.
NOTE
Internal signals that are sourced by the timer outputs may connect to other modules (for
example, other timers or the ADC) in the device (as trigger sources).
Table 6-48. TA0 Signal Connections
DEVICE INPUT PIN OR INTERNAL
SIGNAL
MODULE INPUT
SIGNAL
MODULE
BLOCK
MODULE
OUTPUT SIGNAL
DEVICE OUTPUT PIN OR
INTERNAL SIGNAL
P7.1/PM_C0OUT/PM_TA0CLK
TACLK
Timer
N/A
N/A
ACLK (internal)
ACLK
SMCLK (internal)
SMCLK
C0OUT (internal)
INCLK
P7.3/PM_TA0.0
CCI0A
CCR0
TA0
P7.3/PM_TA0.0
TA0_C0 (internal)
DVSS
CCI0B
DVSS
GND
DVCC
VCC
P2.4/PM_TA0.1
CCI1A
CCR1
TA1
P2.4/PM_TA0.1
TA0_C1 (internal)
Precision ADC (internal)
ADC14SHSx = {1}
ACLK (internal)
CCI1B
DVSS
GND
DVCC
VCC
P2.5/PM_TA0.2
CCI2A
CCR2
TA2
P2.5/PM_TA0.2
TA0_C2 (internal)
Precision ADC (internal)
ADC14SHSx = {2}
C0OUT (internal)
CCI2B
DVSS
GND
DVCC
VCC
P2.6/PM_TA0.3
CCI3A
CCR3
TA3
P2.6/PM_TA0.3
TA0_C3 (internal)
C1OUT (internal)
CCI3B
DVSS
GND
DVCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com