Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP432P411VIPZR Datasheet(PDF) 122 Page - Texas Instruments

Part # MSP432P411VIPZR
Description  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR Datasheet(HTML) 122 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 118Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 119Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 120Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 121Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 122Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 123Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 124Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 125Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 212 page
background image
0x0000_0000
0x0020_0000
Information
Memory
0x0020_8000
Reserved
Main Memory
0x003F_FFFF
122
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 6-5. Flash Memory Map
6.4.1.1
Flash Main Memory (0x0000_0000 to 0x001F_FFFF)
The flash main memory on MSP432P4x1x devices can be up to 2MB. Flash main memory consists of up
to 512 sectors of 4KB each, with a minimum erase granularity of 4KB (1 sector). The main memory can be
viewed as two independent identical banks of up to 1MB each, allowing simultaneous read or execute
from one bank while the other bank is undergoing a program or erase operation.
6.4.1.2
Flash Information Memory (0x0020_0000 to 0x0020_7FFF)
The flash information memory region is 32KB. Flash information memory consists of eight sectors of 4KB
each, with a minimum erase granularity of 4KB (1 sector). The information memory can be viewed as two
independent blocks of 16KB each, which allows read or execute from one block while the other block is
undergoing a program or erase operation. Table 6-36 describes different regions of flash information
memory and the contents of each of the regions. The flash information memory region that contains the
device descriptor (TLV) is factory configured for protection against write or erase operations. Flash
information memory sectors that are empty are available for user application.
Table 6-36. Flash Information Memory Regions
REGION
ADDRESS RANGE
CONTENTS
WRITE AND ERASE
PROTECTED?
Bank 0, Sector 0
0x0020_0000 to 0x0020_0FFF
Flash Boot-override Mailbox
No
Bank 0, Sector 1
0x0020_1000 to 0x0020_1FFF
Device Descriptor (TLV)
Yes
Bank 0, Sector 2
0x0020_2000 to 0x0020_2FFF
TI BSL
No
Bank 0, Sector 3
0x0020_3000 to 0x0020_3FFF
TI BSL
No
Bank 1, Sector 0
0x0020_4000 to 0x0020_4FFF
Empty
No
Bank 1, Sector 1
0x0020_5000 to 0x0020_5FFF
Empty
No
Bank 1, Sector 2
0x0020_6000 to 0x0020_6FFF
Empty
No
Bank 1, Sector 3
0x0020_7000 to 0x0020_7FFF
Empty
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com