Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3012LFG-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN3012LFG-13
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LFG-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN3012LFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 6Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 7Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 8Page - Diodes Incorporated DMN3012LFG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DMN3012LFG
Document number: DS38967 Rev. 5 - 2
5 of 10
www.diodes.com
October 2017
© Diodes Incorporated
DMN3012LFG
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 7. Q1 Typical On-Resistance vs. Drain Current
and Temperature
V
GS = 5.0V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0
0.002
0.004
0.006
0.008
0.01
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 8. Q2 Typical On-Resistance vs. Drain Current
and Temperature
V
GS = 5.0V
T
J = -55
oC
T
J = 25
oC
T
J = 125
oC
T
J = 85
oC
T
J = 150
oC
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 9. Q1 On-Resistance Variation with
Temperature
V
GS = 5V, ID = 15A
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 10. Q2 On-Resistance Variation with
Temperature
V
GS = 5V, ID = 15A
0
0.005
0.01
0.015
0.02
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 11. Q1 On-Resistance Variation with
Temperature
V
GS = 5V, ID = 15A
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 12. Q2 On-Resistance Variation with
Temperature
V
GS = 5V, ID = 15A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com