Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX-708 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VX-708
Description  Voltage Control Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-708 Datasheet(HTML) 1 Page - Vectron International, Inc

  VX-708 Datasheet HTML 1Page - Vectron International, Inc VX-708 Datasheet HTML 2Page - Vectron International, Inc VX-708 Datasheet HTML 3Page - Vectron International, Inc VX-708 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
High Temperature
Voltage Control Crystal Oscillator
Vectron’s vertical integration in the following technical areas ensures the ability to design and manufacture state of the art high temperature
frequency control products:
•
BAW & SAW Design & Fabrication to produce high quality resonators.
•
RF Oscillator Circuit Design.
•
Established 250°C High Temperature Electronics Packaging Expertise.
•
Established 250°C High Temperature Electronics Assembly & Test Expertise.
•
Environmental Screening.
Vectron’s manufacturing processes, from quartz resonator fabrication to oscillator electronics assembly and test, are painstakingly controlled
via ISO and SPC procedures. Vectron fabricates high temperature quartz resonators using proprietary manufacturing processes designed
specifically for high temperature and harsh environment applications. In order to ensure high reliability in the field, critical electrode
metallization and testing processes are conducted inside state-of-the-art Class 1K cleanrooms, while oscillator assembly is conducted in Class
10K cleanrooms. All high temperature oscillators are 100% tested before delivery.
VectronInternational•267LowellRoad,Unit102,Hudson,NH03051•Tel:1-88-VECTRON-1•http://www.vectron.com
VCXO
RF
Output
VCXO
Control
Voltage
VX-708
VX-708
Vectron offers a High Temperature Voltage Control Crystal Oscillator (VX-708) product platform for extreme environment applications. Typical
operating temperature range is from -55°C to +180°C with an absolute pull range of +/- 50 ppm.
Voltage
Control
Oscillator
Circuit
Output
Buffer
Features
Applications
• Oil/Gas downhole tool
• High temperature industrial process control
• Extended temperature Military/Aerospace
Block Diagram
• Continuous operating temperature range -55°C to 180°C
• Low jitter and phase noise
• 3.3 Vdc operation
• 4-point crystal mount for Harsh Environment Applications
• High Shock and Vibration Survival
• Output frequency 2 MHz to 40 MHz
• Standard 5x7 mm SMD package
• RoHS compliant
• EAR99
• Made in USA


Similar Part No. - VX-708

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-700 VECTRON-VX-700 Datasheet
473Kb / 6P
Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700 Datasheet
366Kb / 6P
Voltage Controlled Crystal Oscillator
VX-700-ECE-KXAN VECTRON-VX-700-ECE-KXAN Datasheet
366Kb / 6P
Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700_11 Datasheet
366Kb / 6P
Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700_12 Datasheet
352Kb / 6P
Voltage Controlled Crystal Oscillator Previous Vectron Model VC-710
More results

Similar Description - VX-708

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APVV ABRACON-APVV Datasheet
795Kb / 2P
CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
SMD Voltage Control Crystal Oscillator
JV75-3.3V JAUCH-JV75-3.3V Datasheet
218Kb / 2P
SMD Voltage Control Crystal Oscillator
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
SMD Voltage Control Crystal Oscillator
JV53-3.3V JAUCH-JV53-3.3V Datasheet
151Kb / 2P
SMD Voltage Control Crystal Oscillator
JCO923 JAUCH-JCO923 Datasheet
98Kb / 2P
Voltage Control Crystal Oscillator
JCO924 JAUCH-JCO924 Datasheet
98Kb / 2P
Voltage Control Crystal Oscillator
logo
Vectron International, ...
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
High Temperature Voltage Control Crystal Oscillator
logo
TEMEX
RV1490P TEMEX-RV1490P Datasheet
668Kb / 10P
High Performance PLL Voltage Control Crystal Oscillator
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
SMD Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com