Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAL700 Datasheet(PDF) 5 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensor with Independent Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 5 Page - Micronas

  HAL700 Datasheet HTML 1Page - Micronas HAL700 Datasheet HTML 2Page - Micronas HAL700 Datasheet HTML 3Page - Micronas HAL700 Datasheet HTML 4Page - Micronas HAL700 Datasheet HTML 5Page - Micronas HAL700 Datasheet HTML 6Page - Micronas HAL700 Datasheet HTML 7Page - Micronas HAL700 Datasheet HTML 8Page - Micronas HAL700 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADVANCE INFORMATION
HAL700
Micronas
5
2. Functional Description
The HAL 700 is a monolithic integrated circuit with two
independent subblocks consisting each of a Hall plate
and the corresponding comparator. Each subblock
independently switches the comparator output in
response to the magnetic field at the location of the
corresponding sensitive area. If a magnetic field with
flux lines perpendicular to the sensitive area is
present, the biased Hall plate generates a Hall voltage
proportional to this field. The Hall voltage is compared
with the actual threshold level in the comparator. The
subblocks are designed to have closely matched
switching points. The output of comparator 1 attached
to S1 controls the open drain output at Pin 3. Pin 2 is
set according to the state of comparator 2 connected
to S2.
The temperature-dependent bias – common to both
subblocks – increases the supply voltage of the Hall
plates and adjusts the switching points to the decreas-
ing induction of magnets at higher temperatures. If the
magnetic field exceeds the threshold levels, the com-
parator switches to the appropriate state. The built-in
hysteresis prevents oscillations of the outputs.
In order to achieve good matching of the switching
points of both subblocks, the magnetic offset caused
by mechanical stress is compensated for by use of
“switching offset compensation techniques”. Therefore,
an internal oscillator provides a two-phase clock to
both subblocks. For each subblock, the Hall voltage is
sampled at the end of the first phase. At the end of the
second phase, both sampled and actual Hall voltages
are averaged and compared with the actual switching
point.
Shunt protection devices clamp voltage peaks at the
Output-pins and VDD-pin together with external series
resistors. Reverse current is limited at the VDD-pin by
an internal series resistor up to
−15 V. No external
reverse protection diode is needed at the VDD-pin for
reverse voltages ranging from 0 V to
−15 V.
Fig. 2–1: Timing diagram
Fig. 2–2: HAL 700 block diagram
t
Clock
t
BS1
t
BS2
t
Pin 2
t
Pin 3
t
IDD
BS1on
BS2on
VOH
VOL
VOH
VOL
1/fosc
tf
tf
Reverse
Voltage and
Overvoltage
Protection
Temperature
Dependent
Bias
Hysteresis
Control
Hall Plate 1
Switch
Comparator
GND
4
1
VDD
Hall Plate 2
Switch
Comparator
Clock
Output
3
S1-Output
Output
2
S2-Output
Short Circuit
and
Overvoltage
Protection
S1
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com