Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA17L431LP Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA17L431LP
Description  High-Precision Variable Shunt Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17L431LP Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA17L431LP Datasheet HTML 5Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 6Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 7Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 8Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 9Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 10Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 11Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 12Page - Hitachi Semiconductor HA17L431LP Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HA17L431/HA17L431A Series
9
Package Dimension
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
MPAK-5
0.013 g
Unit: mm
0.16
• HA17L431LP
• HA17L431ALP
0
− 0.10
(0.95)
0.8
± 0.2
0.4
± 0.1
2.9
± 0.2
1.9
± 0.2
(0.95)
+ 0.1
− 0.05
0.60 Max
0.5
± 0.1
4.8
± 0.3
3.8
± 0.3
0.5
1.27
2.54
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
TO-92 (1)
Conforms
Conforms
0.25 g
Unit: mm
• HA17L431P
• HA17L431AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com