Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LX1G08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LX1G08
Description  LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G08 Datasheet(HTML) 1 Page - STMicroelectronics

  74LX1G08 Datasheet HTML 1Page - STMicroelectronics 74LX1G08 Datasheet HTML 2Page - STMicroelectronics 74LX1G08 Datasheet HTML 3Page - STMicroelectronics 74LX1G08 Datasheet HTML 4Page - STMicroelectronics 74LX1G08 Datasheet HTML 5Page - STMicroelectronics 74LX1G08 Datasheet HTML 6Page - STMicroelectronics 74LX1G08 Datasheet HTML 7Page - STMicroelectronics 74LX1G08 Datasheet HTML 8Page - STMicroelectronics 74LX1G08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
October 2002
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 4.5ns (MAX.) at VCC =3V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 5.5V
(1.2V Data Retention)
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LX1G08 is a low voltage CMOS SINGLE
2-INPUT AND GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
tecnology.
It is ideal for 1.65 to 5.5 VCC operations and low
power and low noise applications. The internal
circuit is composed of 3 stages including buffer
output, which provide high noise immunity and
stable output.
Power downprotectionis providedoninput and
output and 0 to 7V can be accepted on inputs with
no regard to the supply voltage. It can be
interfaced to 5V signal environment for inputs in
mixed 3.3/5V system.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge.
74LX1G08
LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE
WITH 5V TOLERANT INPUT
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74LX1G08STR
SOT323-5L
74LX1G08CTR
SC70-5
SOT23-5


Similar Part No. - 74LX1G08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
SINGLE 2-INPUT NAND GATE
Oct-2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
SINGLE 2-INPUT NAND GATE
Oct-2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
SINGLE 2-INPUT NAND GATE
Oct-2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
More results

Similar Description - 74LX1G08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08 Datasheet
611Kb / 11P
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LX1G32 STMICROELECTRONICS-74LX1G32 Datasheet
114Kb / 10P
LOW VOLTAGE CMOS SINGLE 2-INPUT OR GATE WITH 5V TOLERANT INPUT
Apr-2004
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
Jul-2001
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
Apr-2004
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
10-Jul-2006
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
Low voltage CMOS 2-input OR gate with 5V tolerant inputs
10-Jul-2006
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08 ONSEMI-74LCX08 Datasheet
745Kb / 9P
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com