Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4043312FS Datasheet(PDF) 77 Page - Hitachi Semiconductor

Part # HD4043312FS
Description  4-bit HMCS400-Series microcomputer with large-capacity memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD4043312FS Datasheet(HTML) 77 Page - Hitachi Semiconductor

Back Button HD4043312FS Datasheet HTML 70Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 71Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 72Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 73Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 74Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 75Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 76Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 77Page - Hitachi Semiconductor HD4043312FS Datasheet HTML 78Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
HD404339 Series
77
HD404334/HD404336/HD404338/HD4043312/HD404339 Option List
5. ROM Code Media
EPROM:
Ceramic oscillator
Crystal oscillator
External clock
f =
MHz
f =
MHz
f =
MHz
6. System Oscillator (OSC1, OSC2)
RA1 without pull-down resistance
Vdisp
4. RA1/Vdisp
Note: If even only one pin is selected with I/O option E, pin RA1/Vdisp must be selected to function as Vdisp.
With 32-kHz CPU operation, with time base for clock
Without 32-kHz CPU operation, with time base for clock
Without 32-kHz CPU operation, without time base
*
*
2. Optional Functions
3. I/O Options
Note: *Options marked with an asterisk require a subsystem crystal oscillator (X1, X2).
The upper bits and lower bits are mixed together. The upper five bits and lower five bits
are programmed to the same EPROM in alternating order (i.e., LULULU...).
EPROM: The upper bits and lower bits are separated. The upper five bits and lower five bits are
programmed to different EPROMS.
FP-64B
DP-64S
8. Package
Please specify the first type below (the upper bits and lower bits are mixed together), when using the
EPROM on-package microcomputer type (including ZTAT™ version).
Used
Not used
7. Stop Mode
Date of order
Customer
Department
Name
ROM code name
LSI number
HD404334
HD404336
HD404338
HD4043312
HD404339
1. ROM Size
4-kword
6-kword
8-kword
12-kword
16-kword
D0/
INT
0
D1/
INT
1
D2/EVNB
D3/BUZZ
D4/
STOPC
D5
D6
D7
D8
D9
D10
D11
D12
D13
Pin name
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O option
DE
D: Without pull-down resistance
R1
R2
R8
R9
R10
R11
R12
R13
R20
R21
R22
R23
R80
R81
R82
R83
R90
R91
R92
R93
Pin name
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O option
DE
E: With pull-down resistance
Please check off the appropriate applications and enter
the necessary information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com